Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 60Page - STMicroelectronics STM32H7A3AII Datasheet HTML 61Page - STMicroelectronics STM32H7A3AII Datasheet HTML 62Page - STMicroelectronics STM32H7A3AII Datasheet HTML 63Page - STMicroelectronics STM32H7A3AII Datasheet HTML 64Page - STMicroelectronics STM32H7A3AII Datasheet HTML 65Page - STMicroelectronics STM32H7A3AII Datasheet HTML 66Page - STMicroelectronics STM32H7A3AII Datasheet HTML 67Page - STMicroelectronics STM32H7A3AII Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
126
D7
D7
B7
157
D8
-
-
-
128
A8
156
B3
PG13
I/O
FT_sh3
TRACED0,
LPTIM1_OUT,
SPI6_SCK/I2S6_CK,
USART6_CTS/
USART6_NSS,
SDMMC2_D6,
USART10_CTS/
USART10_NSS,
FMC_A24, LCD_R0,
EVENTOUT
-
-
-
127
C7
C7
C7
158
A7
-
-
-
129
A7
157
A4
PG14
I/O
FT_sh3
TRACED1,
LPTIM1_ETR,
SPI6_MOSI/I2S6_SDO,
USART6_TX,
OCTOSPIM_P1_IO7,
SDMMC2_D7,
USART10_RTS,
FMC_A25, LCD_B0,
EVENTOUT
-
-
-
-
-
-
K7
159
-
-
-
-
130
H6
158
F7
VSS
S
-
-
-
-
-
-
A7
-
-
160
-
-
-
-
131
C7
159
E8
VDD
S
-
-
-
-
-
-
-
-
-
-
B7
-
-
-
-
-
-
D8
PK3
I/O
FT_h1
OCTOSPIM_P2_IO6,
LCD_B4, EVENTOUT
-
-
-
-
-
-
-
-
C7
-
-
-
-
-
-
D7
PK4
I/O
FT_h1
OCTOSPIM_P2_IO7,
LCD_B5, EVENTOUT
-
-
-
-
-
-
-
-
A6
-
-
-
-
-
-
C6
PK5
I/O
FT_h1
OCTOSPIM_P2_NCS,
LCD_B6, EVENTOUT
-
-
-
-
-
-
-
-
B6
-
-
-
-
-
-
C5
PK6
I/O
FT_h1
OCTOSPIM_P2_DQS,
LCD_B7, EVENTOUT
-
-
-
-
-
-
-
-
D7
-
-
-
-
-
-
C4
PK7
I/O
FT
LCD_DE, EVENTOUT
-
-
-
128
B7
-
K8
-
G8
-
-
-
-
-
-
-
VSS
S
-
-
-
-
-
129
-
-
-
-
-
-
-
-
-
-
-
G5
VDD
S
-
-
-
-
-
-
B8
-
-
-
-
-
-
-
-
-
-
-
VDDMMC
-
-
-
-
-
-
-
E7
D7
161
A5
-
-
-
132
B7
160
B7
PG15
I/O
FT_h1
USART6_CTS/
USART6_NSS,
OCTOSPIM_P2_DQS,
USART10_CK,
FMC_SDNCAS,
DCMI_D13/PSSI_D13,
EVENTOUT
-
89
B6
130
A8
F7
A6
162
C6
55
A7
89
133
A10
161
A10
PB3(JTDO/
TRACESWO)
I/O
FT_h0
JTDO/TRACESWO,
TIM2_CH2,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
SPI6_SCK/I2S6_CK,
SDMMC2_D2,
CRS_SYNC,
UART7_RX,
EVENTOUT
-
90
C5
131
E7
B6
B6
163
B5
56
A6
90
134
A9
162
A9
PB4(NJTRST)
I/O
FT_h0
NJTRST, TIM16_BKIN,
TIM3_CH1,
SPI1_MISO/I2S1_SDI,
SPI3_MISO/I2S3_SDI,
SPI2_SS/I2S2_WS,
SPI6_MISO/I2S6_SDI,
SDMMC2_D3,
UART7_TX,
EVENTOUT
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 64/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com