Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 45Page - STMicroelectronics STM32H7A3AII Datasheet HTML 46Page - STMicroelectronics STM32H7A3AII Datasheet HTML 47Page - STMicroelectronics STM32H7A3AII Datasheet HTML 48Page - STMicroelectronics STM32H7A3AII Datasheet HTML 49Page - STMicroelectronics STM32H7A3AII Datasheet HTML 50Page - STMicroelectronics STM32H7A3AII Datasheet HTML 51Page - STMicroelectronics STM32H7A3AII Datasheet HTML 52Page - STMicroelectronics STM32H7A3AII Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
-
-
-
-
-
C1
-
-
-
-
D2
7
C2
PI8
I/O
FT
EVENTOUT
TAMP_IN2/
TAMP_OUT3,
RTC_OUT2,
WKUP4
6
E4
9
E10
D3
C1
9
F4
2
A2
7
7
D1
8
D1
PC13
I/O
FT
EVENTOUT
TAMP_IN1/
TAMP_OUT2/
TAMP_OUT3,
RTC_OUT1/
RTC_TS,
WKUP3
-
-
-
C12
-
C2
-
A1
-
-
-
-
F7
-
-
VSS
S
-
-
-
7
B1
10
B12
C1
D2
10
D1
3
A1
8
8
E1
9
E1
PC14-
OSC32_IN
(OSC32_IN)
I/O
FT
EVENTOUT
OSC32_IN
8
B2
11
C11
B1
D1
11
D2
4
B1
9
9
F1
10
F1
PC15-
OSC32_OUT
(OSC32_OUT)
I/O
FT
EVENTOUT
OSC32_OUT
-
-
-
-
-
-
-
E3
-
-
-
-
D3
11
E4
PI9
I/O
FT_h2
OCTOSPIM_P2_IO0,
UART4_RX,
FDCAN1_RX,
FMC_D30,
LCD_VSYNC,
EVENTOUT
-
-
-
-
-
-
-
-
F3
-
-
-
-
E3
12
D5
PI10
I/O
FT_h2
OCTOSPIM_P2_IO1,
FMC_D31, PSSI_D14,
LCD_HSYNC,
EVENTOUT
-
-
-
-
-
-
-
-
G5
-
-
-
-
E4
13
F3
PI11
I/O
FT
OCTOSPIM_P2_IO2,
LCD_G6,
OTG_HS_ULPI_DIR,
PSSI_D15, EVENTOUT
WKUP5
-
-
12
-
-
D10
12
E1
-
-
-
-
F2
14
F2
VSS
S
-
-
-
-
D6
13
G12
D1
D11
13
G6
-
-
-
-
F3
15
F4
VDD
S
-
-
-
9
D1
14
D12
E2
F2
14
G2
-
-
-
-
-
-
-
VSSSMPS
S
-
-
-
10
D2
15
E12
E1
F1
15
F1
-
-
-
-
-
-
-
VLXSMPS
S
-
-
-
11
E1
16
F12
F1
G1
16
G1
-
-
-
-
-
-
-
VDDSMPS
S
-
-
-
12
E2
17
E11
F2
G2
17
F2
-
-
-
-
-
-
-
VFBSMPS
S
-
-
-
-
-
-
-
F3
F4
18
G4
-
-
-
10
E2
16
D2
PF0
I/O
FT_f
I2C2_SDA,
OCTOSPIM_P2_IO0,
FMC_A0, EVENTOUT
-
-
-
-
-
E4
F3
19
G3
-
-
-
11
H3
17
E2
PF1
I/O
FT_f
I2C2_SCL,
OCTOSPIM_P2_IO1,
FMC_A1, EVENTOUT
-
-
-
-
-
F4
G3
20
H1
-
-
-
12
H2
18
G2
PF2
I/O
FT_h2
I2C2_SMBA,
OCTOSPIM_P2_IO2,
FMC_A2, EVENTOUT
-
-
-
-
-
-
-
-
H2
-
-
-
-
-
-
E3
PI12
I/O
FT_h1
OCTOSPIM_P2_IO3,
LCD_HSYNC,
EVENTOUT
-
-
-
-
-
-
-
-
H5
-
-
-
-
-
-
G3
PI13
I/O
FT_h1
OCTOSPIM_P2_CLK,
LCD_VSYNC,
EVENTOUT
-
-
-
-
-
-
-
-
H4
-
-
-
-
-
-
H3
PI14
I/O
FT_h1
OCTOSPIM_P2_NCLK,
LCD_CLK, EVENTOUT
-
-
-
-
-
E5
H4
21
J1
-
-
-
13
J2
19
H2
PF3
I/O
FT_h2
OCTOSPIM_P2_IO3,
FMC_A3, EVENTOUT
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 49/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com