Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 82Page - STMicroelectronics STM32H7A3AII Datasheet HTML 83Page - STMicroelectronics STM32H7A3AII Datasheet HTML 84Page - STMicroelectronics STM32H7A3AII Datasheet HTML 85Page - STMicroelectronics STM32H7A3AII Datasheet HTML 86Page - STMicroelectronics STM32H7A3AII Datasheet HTML 87Page - STMicroelectronics STM32H7A3AII Datasheet HTML 88Page - STMicroelectronics STM32H7A3AII Datasheet HTML 89Page - STMicroelectronics STM32H7A3AII Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 237 page
background image
Table 27. SMPS step-down converter characteristics for external usage
Symbol
Conditions
Min
Typ
Max
Unit
VDDSMPS(1)
VOUT = 1.8 V
2.3
-
3.6
V
VOUT = 2.5 V
3
-
3.6
VOUT(2)
IOUT=600 mA
2.25
2.5
2.75
V
1.62
1.8
1.98
IOUT
internal and external usage
-
-
600
mA
External usage only(3)
-
-
600
RDSON
-
-
100
120
mΩ
IDDSMPS_Q
Quiescent current
-
220
-
µA
TSMPS_START
VOUT = 1.8 V
-
270
405
µs
VOUT = 2.5 V
-
360
540
1. The switching frequency is 2.4 MHz±10%
2. Including line transient and load transient.
3. These characteristics are given for SMPSEXTHP bit is set in the PWR_CR3 register.
The SMPS current consumption can be determined using the following formula based on the maximum LDO
current consumption provided in Section 6.3.7 Supply current characteristics:
IDDSMPS=IDDLDO× VCORE÷ VDD×efficency
where
IDDLDO is the current in LDO configuration given in the following tables
VCORE is the digital core supply (VCAP)
Efficiency is defined in the following curves.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 86/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com