Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 88Page - STMicroelectronics STM32H7A3AII Datasheet HTML 89Page - STMicroelectronics STM32H7A3AII Datasheet HTML 90Page - STMicroelectronics STM32H7A3AII Datasheet HTML 91Page - STMicroelectronics STM32H7A3AII Datasheet HTML 92Page - STMicroelectronics STM32H7A3AII Datasheet HTML 93Page - STMicroelectronics STM32H7A3AII Datasheet HTML 94Page - STMicroelectronics STM32H7A3AII Datasheet HTML 95Page - STMicroelectronics STM32H7A3AII Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 237 page
background image
Table 31. Internal reference voltage calibration values
Symbol
Parameter
Memory address
VREFIN_CAL
Raw data acquired at temperature of 30 °C, VDDA = 3.3 V
08FFF810 - 08FFF812
Table 32. USB regulator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD50USB
Supply voltage
-
4
5
5,5
V
IDD50USB
Current consumption
-
-
13.5
-
µA
VREGOUTV33V
Regulated output voltage
-
3
-
3.6
V
IOUT
Output current load sinked by USB block
-
-
-
20
mA
TWKUP
Wakeup time
-
-
120
170
µs
6.3.7
Supply current characteristics
The current consumption is a function of several parameters and factors such as the operating voltage, ambient
temperature, I/O pin loading, device software configuration, operating frequencies, I/O pin switching rate, program
location in memory and executed binary code.
The current consumption is measured as described in Figure 22. Current consumption measurement scheme.
All the run-mode current consumption measurements given in this section are performed with a CoreMark code.
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode.
•
All peripherals are disabled except when explicitly mentioned.
•
The flash memory access time is adjusted with the minimum wait states number, depending on the fACLK
frequency (refer to the table “Number of wait states according to CPU clock (frcc_cpu_ck) frequency and
VCORE range” available in the reference manual).
•
When the peripherals are enabled, the AHB clock frequency is the CPU frequency divided by 2 and the APB
clock frequency is AHB clock frequency divided by 2.
The parameters given in the below tables are derived from tests performed under the supply voltage conditions
summarized in Table 22. General operating conditions and unless otherwise specified at ambient temperature.
The maximum current consumptions provided in the following tables are given for LDO regulator ON. To obtain
the maximum SMPS current consumption, the efficiency curves can be used with the maximum LDO current
consumption as entry value (refer to Section 6.3.3 SMPS step-down converter).
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 92/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com