Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 20Page - STMicroelectronics STM32H7A3AII Datasheet HTML 21Page - STMicroelectronics STM32H7A3AII Datasheet HTML 22Page - STMicroelectronics STM32H7A3AII Datasheet HTML 23Page - STMicroelectronics STM32H7A3AII Datasheet HTML 24Page - STMicroelectronics STM32H7A3AII Datasheet HTML 25Page - STMicroelectronics STM32H7A3AII Datasheet HTML 26Page - STMicroelectronics STM32H7A3AII Datasheet HTML 27Page - STMicroelectronics STM32H7A3AII Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 237 page
background image
•
“Regular” or “injected” conversions:
–
“regular” conversions can be requested at any time or even in continuous mode without having any
impact on the timing of “injected” conversions
–
“injected” conversions for precise timing and with high conversion priority
3.27
Digital camera interface (DCMI)
The devices embed a camera interface that can connect with camera modules and CMOS sensors through an
8-bit to 14-bit parallel interface, to receive video data. The camera interface can achieve a data transfer rate up to
140 Mbyte/s using a 80 MHz pixel clock. It features:
•
Programmable polarity for the input pixel clock and synchronization signals
•
Parallel data communication can be 8-, 10-, 12- or 14-bit
•
Supports 8-bit progressive video monochrome or raw bayer format, YCbCr 4:2:2 progressive video, RGB
565 progressive video or compressed data (like JPEG)
•
Supports continuous mode or snapshot (a single frame) mode
•
Capability to automatically crop the image
3.28
Parallel synchronous slave interface (PSSI)
The PSSI is a generic synchronous 8-/16-bit parallel data input/output slave interface. It allows the transmitter
to send a data valid signal to indicate when the data is valid, and the receiver to output a flow control signal to
indicate when it is ready to sample the data.
The PSSI main features are:
•
Slave mode operation
•
8- or 16-bit parallel data input or output
•
8-word (32-byte) FIFO
•
Data enable (DE) alternate function input and Ready (RDY) alternate function output.
When enabled, these signals can either allow the transmitter to indicate when the data is valid or the receiver to
indicate when it is ready to sample the data, or both.
The PSSI shares most of the circuitry with the digital camera interface (DCMI). It thus cannot be used
simultaneously with the DCMI.
3.29
LCD-TFT display controller (LTDC)
The LCD-TFT display controller provides a 24-bit parallel digital RGB (Red, Green, Blue) and delivers all signals
to interface directly to a broad range of LCD and TFT panels up to XGA (1024x768) resolution with the following
features:
•
2 display layers with dedicated FIFO (64x32-bit)
•
Color Look-Up table (CLUT) up to 256 colors (256x24-bit) per layer
•
Up to 8 input color formats selectable per layer
•
Flexible blending between two layers using alpha value (per pixel or constant)
•
Flexible programmable parameters for each layer
•
Color keying (transparency color)
•
Up to 4 programmable interrupt events
•
AXI master interface with burst of 16 words
3.30
JPEG codec (JPEG)
The JPEG codec can encode and decode a JPEG stream as defined in the
ISO/IEC10918-1 specification. It provides an fast and simple hardware compressor and decompressor of JPEG
images with full management of JPEG headers.
The JPEG codec main features are as follows:
•
8-bit/channel pixel depths
•
Single clock per pixel encoding and decoding
•
Support for JPEG header generation and parsing
STM32H7A3xI/G
Digital camera interface (DCMI)
DS13195 - Rev 8
page 24/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com