Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 86Page - STMicroelectronics STM32H7A3AII Datasheet HTML 87Page - STMicroelectronics STM32H7A3AII Datasheet HTML 88Page - STMicroelectronics STM32H7A3AII Datasheet HTML 89Page - STMicroelectronics STM32H7A3AII Datasheet HTML 90Page - STMicroelectronics STM32H7A3AII Datasheet HTML 91Page - STMicroelectronics STM32H7A3AII Datasheet HTML 92Page - STMicroelectronics STM32H7A3AII Datasheet HTML 93Page - STMicroelectronics STM32H7A3AII Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 237 page
background image
Table 28. Operating conditions at power-up / power-down (regulator ON)
Symbol
Parameter
Min
Max
Unit
tVDD
VDD rise time rate
0
∞
µs/V
VDD fall time rate
10
∞
tVDDA
VDDA rise time rate
0
∞
VDDA fall time rate
10
∞
tVDDUSB
VDDUSB rise time rate
0
∞
VDDUSB fall time rate
10
∞
VDDMMC
VDDMMC rise time rate
0
∞
VDDMMC fall time rate
10
∞
6.3.5
Embedded reset and power control block characteristics
The parameters given in Table 29. Reset and power control block characteristics are derived from tests performed
under ambient temperature and VDD supply voltage conditions summarized in Table 22. General operating
conditions.
Table 29. Reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tRSTTEMPO(1)
Reset temporization after POR released
-
-
377
550
µs
VPOR/PDR
Power-on/power-down reset threshold
Rising edge(1)
1.62 1.67
1.71
V
Falling edge
1.58 1.62
1.68
VBOR1
Brown-out reset threshold 1
Rising edge
2.04 2.10
2.15
Falling edge
1.95 2.00
2.06
VBOR2
Brown-out reset threshold 2
Rising edge
2.34 2.41
2.47
Falling edge
2.25 2.31
2.37
VBOR3
Brown-out reset threshold 3
Rising edge
2.63 2.70
2.78
Falling edge
2.54 2.61
2.68
VPVD0
Programmable Voltage Detector threshold 0
Rising edge
1.90 1.96
2.01
Falling edge
1.81 1.86
1.91
VPVD1
Programmable Voltage Detector threshold 1
Rising edge
2.05 2.10
2.16
Falling edge
1.96 2.01
2.06
VPVD2
Programmable Voltage Detector threshold 2
Rising edge
2.19 2.26
2.32
Falling edge
2.10 2.15
2.21
VPVD3
Programmable Voltage Detector threshold 3
Rising edge
2.35 2.41
2.47
Falling edge
2.25 2.31
2.37
VPVD4
Programmable Voltage Detector threshold 4
Rising edge
2.49 2.56
2.62
Falling edge
2.39 2.45
2.51
VPVD5
Programmable Voltage Detector threshold 5
Rising edge
2.64 2.71
2.78
Falling edge
2.55 2.61
2.68
VPVD6
Programmable Voltage Detector threshold 6
Rising edge
2.78 2.86
2.94
Falling edge in Run mode
2.69 2.76
2.83
VPOR/PDR
Hysteresis for power-on/power-down reset
Hysteresis in Run mode
-
43
-
mV
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 90/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com