Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 10Page - STMicroelectronics STM32H7A3AII Datasheet HTML 11Page - STMicroelectronics STM32H7A3AII Datasheet HTML 12Page - STMicroelectronics STM32H7A3AII Datasheet HTML 13Page - STMicroelectronics STM32H7A3AII Datasheet HTML 14Page - STMicroelectronics STM32H7A3AII Datasheet HTML 15Page - STMicroelectronics STM32H7A3AII Datasheet HTML 16Page - STMicroelectronics STM32H7A3AII Datasheet HTML 17Page - STMicroelectronics STM32H7A3AII Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 237 page
background image
The USB regulator can be bypassed to supply directly VDD33USB if VDD = 3.3 V.
•
VDDMMC = 1.62 to 3.6 V external power supply for independent I/Os. VDDMMC can be higher than VDD.
VDDMMC pin should be tied to VDD when it is not used.
•
VBAT = 1.2 to 3.6 V: power supply for the VSW domain when VDD is not present.
•
VCAP: VCORE supply, which value depends on voltage scaling (0.74 V, 0.9 V, 1.0 V, 1.1 V, 1.2 V or 1.3 V). It
is configured through VOS bits in PWR_CR3 register. The VCORE domain is split into two domains the CPU
domain (CD) and the Smart Run Domain (SRD).
–
CD domain containing most of the peripherals and the Arm® Cortex®-M7 core
–
SRD domain containing some peripherals and the system control.
•
VDDSMPS = 1.62 to 3.6 V: step-down converter power supply
•
VLXSMPS = VCORE or 1.8 to 2.5 V: external regulated step-down converter output
•
VFBSMPS = VCORE or 1.8 to 2.5 V: external step-down converter feedback voltage sense input
Note:
For I/O speed optimization at low VDD supply, refer to Section 3.8 General-purpose input/outputs (GPIOs).
The features available on the device depend on the package (refer to Table 1. STM32H7A3xI/G features and
peripheral counts).
During power-up and power-down phases, the following power sequence requirements must be respected (see
Figure 2. Power-up/power-down sequence):
•
When VDD is below 1 V, other power supplies (VDDA, VDD33USB and VDD50USB) must remain below VDD +
300 mV.
•
When VDD is above 1 V, all power supplies are independent (except for VDDSMPS, which must remain at the
same level as VDD).
During the power-down phase, VDD can temporarily become lower than other supplies only if the energy provided
to the microcontroller remains below 1 mJ. This allows external decoupling capacitors to be discharged with
different time constants during the power-down transient phase.
Figure 2. Power-up/power-down sequence
0.3
1
VPDR
3.6
Operating mode
Power-on
Power-down
time
V
VDDX(1)
VDD
Invalid supply area
VDDX < VDD + 300 mV
VDDX independent from VDD
VPOR
1.
VDDx refers to any power supply among VDDA, VDD33USB and VDD50USB.
2.
VDD and VDDSMPS must be wired together into order to follow the same voltage sequence.
STM32H7A3xI/G
Power supply management
DS13195 - Rev 8
page 14/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com