Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 23Page - STMicroelectronics STM32H7A3AII Datasheet HTML 24Page - STMicroelectronics STM32H7A3AII Datasheet HTML 25Page - STMicroelectronics STM32H7A3AII Datasheet HTML 26Page - STMicroelectronics STM32H7A3AII Datasheet HTML 27Page - STMicroelectronics STM32H7A3AII Datasheet HTML 28Page - STMicroelectronics STM32H7A3AII Datasheet HTML 29Page - STMicroelectronics STM32H7A3AII Datasheet HTML 30Page - STMicroelectronics STM32H7A3AII Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 237 page
background image
•
TIM2, TIM3, TIM4 and TIM5
The devices include 4 full-featured general-purpose timers: TIM2, TIM3, TIM4 and TIM5. TIM2 and TIM5
are based on a 32-bit auto-reload up/downcounter and a 16-bit prescaler while TIM3 and TIM4 are based
on a 16-bit auto-reload up/downcounter and a 16-bit prescaler. All timers feature 4 independent channels
for input capture/output compare, PWM or one-pulse mode output. This gives up to 16 input capture/output
compare/PWMs on the largest packages.
TIM2, TIM3, TIM4 and TIM5 general-purpose timers can work together, or with the other general-purpose
timers and the advanced-control timers (TIM1, TIM8) via the Timer Link feature for synchronization or event
chaining.
Any of these general-purpose timers can be used to generate PWM outputs.
TIM2, TIM3, TIM4 and TIM5 all have independent DMA request generation. They are capable of handling
quadrature (incremental) encoder signals and the digital outputs from 1 to 4 hall-effect sensors.
•
TIM12, TIM13, TIM14, TIM15, TIM16 and TIM17
These timers are based on a 16-bit auto-reload upcounter and a 16-bit prescaler. TIM13, TIM14, TIM16 and
TIM17 feature one independent channel, whereas TIM12 and TIM15 have two independent channels for
input capture/output compare, PWM or one-pulse mode output. They can be synchronized with the TIM2,
TIM3, TIM4 and TIM5 full-featured general-purpose timers or used as simple time bases.
3.32.3
Basic timers (TIM6 and TIM7)
These timers are mainly used for DAC trigger and waveform generation. They can also be used as a generic
16-bit time base.
TIM6 and TIM7 support independent DMA request generation.
3.32.4
Low-power timers (LPTIM1, LPTIM2, LPTIM3)
The low-power timers feature an independent clock and are running also in Stop mode if they are clocked by LSE,
LSI or an external clock. The low-power timers are able to wakeup the devices from Stop mode.
The low-power timers support the following features:
•
16-bit up counter with 16-bit autoreload register
•
16-bit compare register
•
Configurable output: pulse, PWM
•
Continuous / one-shot mode
•
Selectable software / hardware input trigger
•
Selectable clock source:
•
Internal clock source: LSE, LSI, HSI or APB clock
•
External clock source over LPTIM input (working even with no internal clock source running, used by the
Pulse Counter Application)
•
Programmable digital glitch filter
•
Encoder mode
3.32.5
Independent watchdog
The independent watchdog is based on a 12-bit downcounter and 8-bit prescaler. It is clocked from an
independent 32 kHz internal RC and as it operates independently from the main clock, it can operate in Stop
and Standby modes. It can be used either as a watchdog to reset the device when a problem occurs, or as a
free-running timer for application timeout management. It is hardware- or software-configurable through the option
bytes.
3.32.6
Window watchdog
The window watchdog is based on a 7-bit downcounter that can be set as free-running. It can be used as a
watchdog to reset the device when a problem occurs. It is clocked from the main clock. It has an early warning
interrupt capability and the counter can be frozen in debug mode.
3.32.7
SysTick timer
This timer is dedicated to real-time operating systems, but could also be used as a standard downcounter. It
features:
STM32H7A3xI/G
Timers and watchdogs
DS13195 - Rev 8
page 27/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com