Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 89Page - STMicroelectronics STM32H7A3AII Datasheet HTML 90Page - STMicroelectronics STM32H7A3AII Datasheet HTML 91Page - STMicroelectronics STM32H7A3AII Datasheet HTML 92Page - STMicroelectronics STM32H7A3AII Datasheet HTML 93Page - STMicroelectronics STM32H7A3AII Datasheet HTML 94Page - STMicroelectronics STM32H7A3AII Datasheet HTML 95Page - STMicroelectronics STM32H7A3AII Datasheet HTML 96Page - STMicroelectronics STM32H7A3AII Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 237 page
background image
Table 33. Inrush current and inrush electric charge characteristics for LDO and SMPS
1.
The typical values are given for VDDLDO = VDDSMPS = 3.3 V and for typical decoupling capacitor values of CEXT and COUT.
2.
The product consumption on VDDCORE is not taken into account in the inrush current and inrush electric charge.
Symbol
Parameter
Conditions
Min Typ
Max
Unit
IRUSH
Inrush current on voltage regulator power-on
(POR or wakeup from Standby)
on VDDLDO(1)
-
55
96 (2)
mA
on VDDSMPS(3) SMPS supplies the VDDCORE
-
25
92(4)
Inrush current on voltage regulator power-on
(POR)
on VDDSMPS(3)
SMPS supplies internal LDO VOUT =
1.8 V(5)
-
45
135(4)
SMPS supplies internal LDO VOUT =
2.5 V(5)
-
100(4)
SMPS supplies external circuit VOUT
= 1.8 V(5)
-
25
70(4)
SMPS supplies external circuit VOUT
= 2.5 V(5)
-
50(4)
Inrush current on voltage regulator power-on
(wakeup from Standby)
on VDDSMPS(3)
SMPS supplies internal LDO VOUT =
1.8 V
-
70
200(4)
SMPS supplies internal LDO VOUT =
2.5 V
-
95
210(4)
QRUSH
Inrush current on voltage regulator power-on
(POR or wakeup from Standby)
on VDDLDO(1)
-
4.4
5.3(2)
μC
on VDDSMPS(3) SMPS supplies the VDDCORE
-
2.9
7(2)
Inrush current on voltage regulator power-on
(POR)
on VDDSMPS(3)
SMPS supplies internal LDO VOUT =
1.8 V(5)
-
4.0
7.5(2)
SMPS supplies internal LDO VOUT =
2.5 V(5)
-
5.7(2)
SMPS supplies external circuit VOUT
= 1.8 V(5)
-
2.9
5.2(2)
SMPS supplies external circuit VOUT
= 2.5 V(5)
-
4(2)
Inrush current on voltage regulator power-on
(wakeup from Standby)
on VDDSMPS(3)
SMPS supplies internal LDO VOUT =
1.8 V
-
8.0
15(2)
SMPS supplies internal LDO VOUT =
2.5 V
-
14.5 20.5(2)
1. The inrush current and inrush electric charge on VDDLDO are not present in Bypass mode or when the SMPS supplies VDDCORE.
2. The maximum value is given for the maximum decoupling capacitor CEXT.
3. The inrush current and inrush electric charge on VDDSMPS is not present if the external component (L or COUT) is not present, that is if the
SMPS is not used.
4. The maximum value is given for the maximum decoupling capacitor COUT and the minimum VDDSMPS voltage.
5. The inrush current and inrush electric charge due to the transition from 1.2 V to the final VOUT value (1.8 V or 2.5 V) is not taken into
account.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 93/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com