Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 5Page - STMicroelectronics STM32H7A3AII Datasheet HTML 6Page - STMicroelectronics STM32H7A3AII Datasheet HTML 7Page - STMicroelectronics STM32H7A3AII Datasheet HTML 8Page - STMicroelectronics STM32H7A3AII Datasheet HTML 9Page - STMicroelectronics STM32H7A3AII Datasheet HTML 10Page - STMicroelectronics STM32H7A3AII Datasheet HTML 11Page - STMicroelectronics STM32H7A3AII Datasheet HTML 12Page - STMicroelectronics STM32H7A3AII Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 237 page
background image
Peripherals
SMPS (1)
no-SMPS
Number of filters for DFSDM1/
DFSDM2
8/1
7/1
8/1
7/1
ADCs
8 to 16 bits
2
Number of
channels
24
24
20 (12)
24
18(12)
17(12)
16(12)
20(12)
16(12)
DACs
12 bits
2
Number of
channels
3 (1 single channel + 1 dual-channel interfaces)
Comparators
2
2(2)
2
1
Operational amplifier
2
2(2)
2
1
GPIOs
168
128
119
121
97
87
75
68
166
138
138
112
80
80
49
Wakeup pins
6
4
6
4
Maximum CPU frequency
(MHz)
280
SMPS step-down converter
1
-
USB internal regulator
1
-
-
USB separate supply pad
1
-
VDDMMC separate supply pad
1
-
1
-
VREF+ separate pad and
internal buffer
1
1
-
1
-
Operating voltage
1.62 to 3.6 V (13)
Operating temperatures
Ambient temperature range: −40 to 85 °C
Junction temperature range: −40 to 130 °C(14)
Packages
TFBGA
225
UFBGA
176+25
LQFP
176
UFBGA
169
LQFP
144
WLCSP
132
TFBGA
100
LQFP
100
TFBGA
216
UFBGA
176+25
LQFP
176
LQFP
144
TFBGA
100
LQFP
100
LQFP64
Bootloader
USART, I2C, SPI,
USB-DFU, FDCAN
USART,
I2C, SPI,
USB-DFU
USART,
I2C, SPI,
USB-
DFU,
FDCAN
USART, I2C, SPI, USB-DFU
USART, I2C, SPI, USB-DFU,
FDCAN
USART, I2C, SPI, USB-DFU
1. The devices with SMPS correspond to commercial code STM32H7A3xIxxQ and STM32H7A3xGxxQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com