Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 48Page - STMicroelectronics STM32H7A3AII Datasheet HTML 49Page - STMicroelectronics STM32H7A3AII Datasheet HTML 50Page - STMicroelectronics STM32H7A3AII Datasheet HTML 51Page - STMicroelectronics STM32H7A3AII Datasheet HTML 52Page - STMicroelectronics STM32H7A3AII Datasheet HTML 53Page - STMicroelectronics STM32H7A3AII Datasheet HTML 54Page - STMicroelectronics STM32H7A3AII Datasheet HTML 55Page - STMicroelectronics STM32H7A3AII Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
-
-
N2
N4
-
M4
-
-
-
-
F4
43
K4
PH2
I/O
FT_h2
LPTIM1_IN2,
OCTOSPIM_P1_IO4,
SAI2_SCK_B,
FMC_SDCKE0,
LCD_R0, EVENTOUT
-
-
-
-
-
M1
G4
44
J7
-
-
-
-
-
-
-
VDD
S
-
-
-
-
-
-
L12
M2
F7
45
M1
-
J1
-
-
F6
-
K6
VSS
S
-
-
-
-
-
-
-
M3
R4
-
N4
-
-
-
-
G4
44
J4
PH3
I/O
FT_ah2
OCTOSPIM_P1_IO5,
SAI2_MCK_B,
FMC_SDNE0,
LCD_R1, EVENTOUT
-
-
-
-
-
-
P4
-
M5
-
-
-
-
H4
45
H4
PH4
I/O
FT_fa
I2C2_SCL, LCD_G5,
OTG_HS_ULPI_NXT,
PSSI_D14, LCD_G4,
EVENTOUT
-
-
-
-
-
-
R5
-
P4
-
-
-
-
J4
46
J3
PH5
I/O
FT_fa
I2C2_SDA, SPI5_SS,
FMC_SDNWE,
EVENTOUT
-
28
G5
40
J9
N3
N5
46
R4
17
K2
25
37
R2
47
R2
PA3
I/O
FT_ah1
TIM2_CH4, TIM5_CH4,
OCTOSPIM_P1_CLK,
TIM15_CH2,
I2S6_MCK,
USART2_RX, LCD_B2,
OTG_HS_ULPI_D0,
LCD_B5, EVENTOUT
ADC1_INP15
29
-
41
-
M4
F8
47
K6
18
E6
26
38
L4
48
L5
VSS
S
-
-
-
30
-
42
-
N4
H12
48
G7
19
K1
27
39
-
49
K5
VDD
S
-
-
-
31
K1
43
K10
H6
P5
49
L6
20
G3
28
40
N4
50
N4
PA4
I/O
TT_a
TIM5_ETR,
SPI1_SS/I2S1_WS,
SPI3_SS/I2S3_WS,
USART2_CK,
SPI6_SS/I2S6_WS,
DCMI_HSYNC/
PSSI_DE,
LCD_VSYNC,
EVENTOUT
ADC1_INP18,
DAC1_OUT1
32
K2
44
L11
L4
P6
50
N5
21
H3
29
41
P4
51
P4
PA5
I/O
TT_ah0
PWR_NDSTOP2,
TIM2_CH1/TIM2_ETR,
TIM8_CH1N,
SPI1_SCK/I2S1_CK,
SPI6_SCK/I2S6_CK,
OTG_HS_ULPI_CK,
PSSI_D14, LCD_R4,
EVENTOUT
ADC1_INP19,
ADC1_INN18,
DAC1_OUT2
33
J3
45
G7
K5
R7
51
P5
22
J3
30
42
P3
52
P3
PA6
I/O
TT_ah1
TIM1_BKIN,
TIM3_CH1,
TIM8_BKIN,
SPI1_MISO/I2S1_SDI,
OCTOSPIM_P1_IO3,
SPI6_MISO/I2S6_SDI,
TIM13_CH1,
TIM8_BKIN_COMP12,
MDIOS_MDC,
TIM1_BKIN_COMP12,
DCMI_PIXCLK/
PSSI_PDCK, LCD_G2,
EVENTOUT
ADC12_INP3,
DAC2_OUT1
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 52/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com