Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 80Page - STMicroelectronics STM32H7A3AII Datasheet HTML 81Page - STMicroelectronics STM32H7A3AII Datasheet HTML 82Page - STMicroelectronics STM32H7A3AII Datasheet HTML 83Page - STMicroelectronics STM32H7A3AII Datasheet HTML 84Page - STMicroelectronics STM32H7A3AII Datasheet HTML 85Page - STMicroelectronics STM32H7A3AII Datasheet HTML 86Page - STMicroelectronics STM32H7A3AII Datasheet HTML 87Page - STMicroelectronics STM32H7A3AII Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 237 page
background image
Symbol (1)(2)
Parameter
VOS0
VOS1
VOS2
VOS3
Unit
fspdifrx_ker_ck
MHz
SPDIFRX1
280
225
160
88
fspi_ker_ck
SPI[1:6]
280
225
160
88
flpuart_ker_ck
LPUART1
140
112.5
80
44
fusart_ker_ck
USART1/2/3/6/10
280
225
160
88
fuart_ker_ck
UART4/5/7/8/9
280
225
160
88
fadp_clk
USBOTG
48
48
48
48
fulpi_ck
USB1ULPI
66
66
66
66
fadc_ker_ck
ADC1/2
50
50
50
50
fdac_pclk
DAC1/2
140
112.5
80
44
frtc_ker_ck
RTC
1
1
1
1
1. Guaranteed by design.
2. The maximum kernel clock frequencies can be limited by the maximum peripheral clock frequency (refer each peripheral
electrical characteristics).
Table 24. Supply voltage and maximum frequency configuration
Power scale
VCORE source
Max TJ (°C)
Max frequency (MHz)
Min VDD (V)
VOS0
LDO/SMPS
105
280
1.71
VOS1
LDO/SMPS
130
225
1.62
VOS2
LDO/SMPS
130
160
1.62
VOS3
LDO/SMPS
130
88
1.62
SVOS4
LDO/SMPS
130
N/A
1.62
SVOS5
LDO/SMPS
130
N/A
1.62
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 84/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com