Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 24Page - STMicroelectronics STM32H7A3AII Datasheet HTML 25Page - STMicroelectronics STM32H7A3AII Datasheet HTML 26Page - STMicroelectronics STM32H7A3AII Datasheet HTML 27Page - STMicroelectronics STM32H7A3AII Datasheet HTML 28Page - STMicroelectronics STM32H7A3AII Datasheet HTML 29Page - STMicroelectronics STM32H7A3AII Datasheet HTML 30Page - STMicroelectronics STM32H7A3AII Datasheet HTML 31Page - STMicroelectronics STM32H7A3AII Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 237 page
background image
•
A 24-bit downcounter
•
Autoreload capability
•
Maskable system interrupt generation when the counter reaches 0
•
Programmable clock source.
3.33
Real-time clock (RTC)
The RTC is an independent BCD timer/counter. It supports the following features:
•
Calendar with subsecond, seconds, minutes, hours (12 or 24 format), week day, date, month, year, in BCD
(binary-coded decimal) format.
•
Automatic correction for 28, 29 (leap year), 30, and 31 days of the month.
•
Two programmable alarms.
•
On-the-fly correction from 1 to 32767 RTC clock pulses. This can be used to synchronize it with a master
clock.
•
Reference clock detection: a more precise second source clock (50 or 60 Hz) can be used to enhance the
calendar precision.
•
Digital calibration circuit with 0.95 ppm resolution, to compensate for quartz crystal inaccuracy.
•
Timestamp feature which can be used to save the calendar content. This function can be triggered by an
event on the timestamp pin, or by a tamper event, or by a switch to VBAT mode.
•
17-bit auto-reload wakeup timer (WUT) for periodic events with programmable resolution and period.
The RTC is supplied through a switch that takes power either from the VDD supply when present or from the VBAT
pin.
The RTC clock sources can be:
•
A 32.768 kHz external crystal (LSE)
•
An external resonator or oscillator (LSE)
•
The internal low-power RC oscillator (LSI, with typical frequency of 32 kHz)
•
The high-speed external clock (HSE) divided by 32.
The RTC is functional in VBAT mode and in all low-power modes when it is clocked by the LSE. When clocked by
the LSI, the RTC is not functional in VBAT mode, but is functional in all low-power modes.
All RTC events (Alarm, Wakeup Timer, Timestamp or Tamper) can generate an interrupt and wakeup the device
from the low-power modes.
3.34
Tamper and backup registers (TAMP)
The TAMP main features are the following:
•
32 backup registers:
–
The backup registers (TAMP_BKPxR) are implemented in the RTC domain that remains powered-on
by VBAT when the VDD power is switched off.
•
Three external tamper detection events
–
Each external event can be configured to be active or passive
–
External passive tampers with configurable filter and internal pull-up
•
Seven internal tamper events
•
Any tamper detection can generate an RTC timestamp event
•
Any tamper detection can erase the RTC backup registers and the backup SRAM
•
Monotonic counter
3.35
Inter-integrated circuit interface (I2C)
The STM32H7A3xI/G embed four I2C interfaces.
The I2C bus interface handles communications between the microcontroller and the serial I2C bus. It controls all
I2C bus-specific sequencing, protocol, arbitration and timing.
The I2C peripheral supports:
STM32H7A3xI/G
Real-time clock (RTC)
DS13195 - Rev 8
page 28/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com