Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 116Page - STMicroelectronics STM32H7A3AII Datasheet HTML 117Page - STMicroelectronics STM32H7A3AII Datasheet HTML 118Page - STMicroelectronics STM32H7A3AII Datasheet HTML 119Page - STMicroelectronics STM32H7A3AII Datasheet HTML 120Page - STMicroelectronics STM32H7A3AII Datasheet HTML 121Page - STMicroelectronics STM32H7A3AII Datasheet HTML 122Page - STMicroelectronics STM32H7A3AII Datasheet HTML 123Page - STMicroelectronics STM32H7A3AII Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 237 page
background image
Speed Symbol
Parameter
conditions
Min(1) Max(1) Unit
10
Fmax(2)
Maximum frequency
C=50 pF, 2.7 V≤VDD≤3.6 V(4)
-
85
MHz
C=50 pF, 1.62 V≤VDD≤2.7 V(4)
-
35
C=30 pF, 2.7 V≤VDD≤3.6 V(4)
-
110
C=30 pF, 1.62 V≤VDD≤2.7 V(4)
-
40
C=10 pF, 2.7 V≤VDD≤3.6 V(4)
-
166
C=10 pF, 1.62 V≤VDD≤2.7 V(4)
-
100
tr/tf (3)
Output high to low level fall time and output low to
high level rise time
C=50 pF, 2.7 V≤VDD≤3.6 V(4)
-
3.8
ns
C=50 pF, 1.62 V≤VDD≤2.7 V(4)
-
6.9
C=30 pF, 2.7 V≤VDD≤3.6 V(4)
-
2.8
C=30 pF, 1.62 V≤VDD≤2.7 V(4)
-
5.2
C=10 pF, 2.7 V≤VDD≤3.6 V(4)
-
1.8
C=10 pF, 1.62 V≤VDD≤2.7 V(4)
-
3.3
11
Fmax(2)
Maximum frequency
C=50 pF, 2.7 V≤VDD≤3.6 V(4)
-
100
MHz
C=50 pF, 1.62 V≤VDD≤2.7 V(4)
-
50
C=30 pF, 2.7 V≤VDD≤3.6 V(4)
-
133
C=30 pF, 1.62 V≤VDD≤2.7 V(4)
-
66
C=10 pF, 2.7 V≤VDD≤3.6 V(4)
-
220
C=10 pF, 1.62 V≤VDD≤2.7 V(4)
-
85
tr/tf (3)
Output high to low level fall time and output low to
high level rise time
C=50 pF, 2.7 V≤VDD≤3.6 V(4)
-
3.3
ns
C=50 pF, 1.62 V≤VDD≤2.7 V(4)
-
6.6
C=30 pF, 2.7 V≤VDD≤3.6 V(4)
-
2.4
C=30 pF, 1.62 V≤VDD≤2.7 V(4)
-
4.5
C=10 pF, 2.7 V≤VDD≤3.6 V(4)
-
1.5
C=10 pF, 1.62 V≤VDD≤2.7 V(4)
-
2.7
1. Guaranteed by design.
2. The maximum frequency is defined with the following conditions: (tr+tf) ≤ 2/3 T, skew ≤ 1/20 T, 45%<Duty cycle<55%
3. The fall and rise times are defined between 90% and 10% and between 10% and 90% of the output waveform, respectively.
4. Compensation system enabled.
Output buffer timing characteristics (HSLV option enabled)
Table 69. Output timing characteristics (HSLV ON)
Speed Symbol
Parameter
conditions
Min(1) Max(1) Unit
00
Fmax(2)
Maximum frequency
C=50 pF, 1.62 V≤VDD≤2.7 V
-
10
MHz
C=30 pF, 1.62 V≤VDD≤2.7 V
-
10
C=10 pF, 1.62 V≤VDD≤2.7 V
-
10
tr/tf(3)
Output high to low level fall time and output low to
high level rise time
C=50 pF, 1.62 V≤VDD≤2.7 V
-
11
ns
C=30 pF, 1.62 V≤VDD≤2.7 V
-
9
C=10 pF, 1.62 V≤VDD≤2.7 V
-
6.6
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 120/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com