Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 133Page - STMicroelectronics STM32H7A3AII Datasheet HTML 134Page - STMicroelectronics STM32H7A3AII Datasheet HTML 135Page - STMicroelectronics STM32H7A3AII Datasheet HTML 136Page - STMicroelectronics STM32H7A3AII Datasheet HTML 137Page - STMicroelectronics STM32H7A3AII Datasheet HTML 138Page - STMicroelectronics STM32H7A3AII Datasheet HTML 139Page - STMicroelectronics STM32H7A3AII Datasheet HTML 140Page - STMicroelectronics STM32H7A3AII Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 237 page
background image
Figure 47. SDRAM read access waveforms (CL = 1)
Row n
Col1
FMC_SDCLK
FMC_A[12:0]
FMC_SDNRAS
FMC_SDNCAS
FMC_SDNWE
FMC_D[31:0]
FMC_SDNE[1:0]
td(SDCLKL_AddR)
td(SDCLKL_AddC)
th(SDCLKL_AddR)
th(SDCLKL_AddC)
td(SDCLKL_SNDE)
tsu(SDCLKH_Data)
th(SDCLKH_Data)
Col2
Coli
Coln
Data2
Datai
Datan
Data1
th(SDCLKL_SNDE)
td(SDCLKL_NRAS)
td(SDCLKL_NCAS)
th(SDCLKL_NCAS)
th(SDCLKL_NRAS)
Table 86. SDRAM read timings
Symbol
Parameter
Min(1)
Max(1)(2)
Unit
tw(SDCLK)
FMC_SDCLK period
2Tfmc_ker_ck – 1
2Tfmc_ker_ck +0.5
ns
tsu(SDCLKH _Data)
Data input setup time
3
-
th(SDCLKH_Data)
Data input hold time
0
-
td(SDCLKL_Add)
Address valid time
-
1.5
td(SDCLKL- SDNE)
Chip select valid time
-
2(3)
th(SDCLKL_SDNE)
Chip select hold time
0.5
-
td(SDCLKL_SDNRAS)
SDNRAS valid time
-
2
th(SDCLKL_SDNRAS)
SDNRAS hold time
0.5
-
td(SDCLKL_SDNCAS)
SDNCAS valid time
-
0.5
th(SDCLKL_SDNCAS)
SDNCAS hold time
0
-
1. Guaranteed by characterization results.
2. At VOS1, these values are degraded by up to 5 %.
3. Using PC2_C I/O adds 4.5 ns to this timing.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 137/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com