Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 185Page - STMicroelectronics STM32H7A3AII Datasheet HTML 186Page - STMicroelectronics STM32H7A3AII Datasheet HTML 187Page - STMicroelectronics STM32H7A3AII Datasheet HTML 188Page - STMicroelectronics STM32H7A3AII Datasheet HTML 189Page - STMicroelectronics STM32H7A3AII Datasheet HTML 190Page - STMicroelectronics STM32H7A3AII Datasheet HTML 191Page - STMicroelectronics STM32H7A3AII Datasheet HTML 192Page - STMicroelectronics STM32H7A3AII Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 237 page
background image
Table 129. LQFP100 - Mechanical data
Symbol
millimeters
inches(14.)
Min
Typ
Max
Min
Typ
Max
A
-
1.50
1.60
-
0.0590
0.0630
A1(12.)
0.05
-
0.15
0.0020
-
0.0059
A2
1.35
1.40
1.45
0.0531
0.0551
0.0571
b(9.)(11.)
0.17
0.22
0.27
0.0067
0.0087
0.0106
b1(11.)
0.17
0.20
0.23
0.0067
0.0079
0.0090
c(11.)
0.09
-
0.20
0.0035
-
0.0079
c1(11.)
0.09
-
0.16
0.0035
-
0.0063
D(4.)
16.00 BSC
0.6299 BSC
D1(2.)(5.)
14.00 BSC
0.5512 BSC
E(4.)
16.00 BSC
0.6299 BSC
E1(2.)(5.)
14.00 BSC
0.5512 BSC
e
0.50 BSC
0.0197 BSC
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1(1.)(11.)
-
1.00
-
-
0.0394
-
N(13.)
100
Θ
0°
3.5°
7°
0°
3.5°
7°
Θ1
0°
-
-
0°
-
-
Θ2
10°
12°
14°
10°
12°
14°
Θ3
10°
12°
14°
10°
12°
14°
R1
0.08
-
-
0.0031
-
-
R2
0.08
-
0.20
0.0031
-
0.0079
S
0.20
-
-
0.0079
-
-
aaa(1.)
0.20
0.0079
bbb(1.)
0.20
0.0079
ccc(1.)
0.08
0.0031
ddd(1.)
0.08
0.0031
STM32H7A3xI/G
LQFP100 package information
DS13195 - Rev 8
page 189/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com