Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 197 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 197 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 193Page - STMicroelectronics STM32H7A3AII Datasheet HTML 194Page - STMicroelectronics STM32H7A3AII Datasheet HTML 195Page - STMicroelectronics STM32H7A3AII Datasheet HTML 196Page - STMicroelectronics STM32H7A3AII Datasheet HTML 197Page - STMicroelectronics STM32H7A3AII Datasheet HTML 198Page - STMicroelectronics STM32H7A3AII Datasheet HTML 199Page - STMicroelectronics STM32H7A3AII Datasheet HTML 200Page - STMicroelectronics STM32H7A3AII Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 237 page
background image
Table 132. WLCSP132 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
-
-
0.58
-
-
0.023
A1
-
0.17
-
-
0.007
-
A2
-
0.38
-
-
0.015
-
A3
-
0.025
-
-
0.001
-
b
0.21
0.24
0.27
0.008
0.009
0.011
D
4.54
4.57
4.60
0.179
0.180
0.181
E
4.35
4.37
4.39
0.171
0.172
0.173
e
-
0.35
-
-
0.014
-
e1
-
3.85
-
-
0.152
-
e2
-
3.50
-
-
0.138
-
F(2)
-
0.360
-
-
0.014
-
G(2)
-
0.435
-
-
0.017
-
aaa
-
0.10
-
-
0.004
-
bbb
-
0.10
-
-
0.004
-
ccc
-
0.10
-
-
0.004
-
ddd
-
0.05
-
-
0.002
-
eee
-
0.05
-
-
0.002
-
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Calculated dimensions are rounded to the 3rd decimal place
Figure 92. WLCSP132 - Recommended footprint
Dsm
Dpad
1.
Dimensions are expressed in millimeters.
STM32H7A3xI/G
WLCSP132 package information
DS13195 - Rev 8
page 197/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com