Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 210 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 210 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 206Page - STMicroelectronics STM32H7A3AII Datasheet HTML 207Page - STMicroelectronics STM32H7A3AII Datasheet HTML 208Page - STMicroelectronics STM32H7A3AII Datasheet HTML 209Page - STMicroelectronics STM32H7A3AII Datasheet HTML 210Page - STMicroelectronics STM32H7A3AII Datasheet HTML 211Page - STMicroelectronics STM32H7A3AII Datasheet HTML 212Page - STMicroelectronics STM32H7A3AII Datasheet HTML 213Page - STMicroelectronics STM32H7A3AII Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 237 page
background image
7.8
TFBGA225 package information
This TFBGA is a 225 ball, 13x13 mm, 0.8 mm pitch, fine pitch ball grid array package.
Figure 103. TFBGA225 - Outline
H
D
E
E1
D1
F
G
e
e
D
A
B
C
E
F
K
G
J
L
M
N
P
R
1
2
3
4
5
6
7
8
9
10
11
12
15
13
14
A1 corner index area
b (225 balls)
eee M
f f f M
A
C
C
B
C
Seating plane
A2
A1
A
eee
C
BOTTOM VIEW
TOP VIEW
SIDE VIEW
1.
Drawing is not to scale.
2.
–
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or
metallized markings, or other feature of package body or integral heat slug.
–
A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1
corner. Exact shape of each corner is optional.
STM32H7A3xI/G
TFBGA225 package information
DS13195 - Rev 8
page 210/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com