| Electronic Components Datasheet Search |
|
HC08KL8GRS/D Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC08KL8GRS/D Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 256 page ![]() General Description General Release Specification MC68HC08KL8 — Rev. 2.0 General Description 1.2 Introduction The MC68HC08KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08 Family is based on the customer-specified integrated circuit (CSIC) design strategy. All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types. 1.3 Features Features of the MC68HC08KL8 include: • High-Performance M68HC08 Architecture • Fully Upward-Compatible Object Code with M6805, M146805, and M68HC05 Families • 1.5-MHz Internal Bus Operation • Eight Kbytes of On-Chip Read-Only Memory (ROM) • On-Chip Programming Firmware for Use with Host Personal Computer • ROM Data Security1 • 368 Bytes of On-Chip Random Access Memory (RAM) • 39 General-Purpose Input/Output (I/O) Ports, 24 with Software Configurable Pullups • 16-Bit, 2-Channel Timer Interface Module (TIM) • 8-Bit Keyboard Interrupt (KBI) Port • Available in a 52-lead plastic quad flat pack (QFP) package: – 39 general-purpose input/output (I/O), 24 with software configurable pullups – 16-bit, 2-channel timer interface module (TIM) – Eight light-emitting diode (LED) direct drive port pins 1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or copying the EPROM/OTPROM difficult for unauthorized users. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |