Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC08KL8GRS/D Datasheet(PDF) 43 Page - NXP Semiconductors

Part # HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 39Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 40Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 41Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 42Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 43Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 44Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 45Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 46Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 256 page
background image
Memory Map
Reserved Memory Locations
MC68HC08KL8 — Rev. 2.0
General Release Specification
Memory Map
$002D
USB Endpoint 1/2 Data Register 5
(UE1D5)
Read:
Write: UE1TD7 UE1TD6 UE1TD5
UE1TD4
UE1TD3
UE1TD2 UE1TD1 UE1TD0
Reset:
Indeterminate after Reset
$002E
USB Endpoint 1/2 Data Register 6
(UE1D6)
Read:
Write: UE1TD7 UE1TD6 UE1TD5
UE1TD4
UE1TD3
UE1TD2 UE1TD1 UE1TD0
Reset:
Indeterminate after Reset
$002F
USB Endpoint 1/2 Data Register 7
(UE1D7)
Read:
Write: UE1TD7 UE1TD6 UE1TD5
UE1TD4
UE1TD3
UE1TD2 UE1TD1 UE1TD0
Reset:
Indeterminate after Reset
$0030
Unimplemented
Read:
Write:
↓
Unimplemented
Read:
Write:
$0036
Unimplemented
Read:
Write:
$0037
USB Control Register 2
(UCR2)
Read:
0
0
TX1ST
0
ENABLE2 ENABLE1 STALL2 STALL1
Write: RSTFR TX1STR
Reset:
0
0
0
0
0
0
0
0
$0038
USB Address Register
(UADDR)
Read:
USBEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Write:
Reset:
0
0
0
0
0
0
0
0
$0039
USB Interrupt Register 0
(UIR0)
Read: TXD0F
RXD0F
RSTF
SUSPND
TXD0IE
RXD0IE
00
Write:
TXD0FR RXD0FR
Reset:
0
0
0
0
0
0
0
0
$003A
USB Interrupt Register 1
(UIR1)
Read: TXD1F
EOPF
RESUMF
0
TXD1IE
EOPIE
00
Write:
RESUMFR
TXD1FR EOPFR
Reset:
0
0
0
0
0
0
0
0
Addr.
Name
Bit 7
6
5
4
3
2
1
Bit 0
= Unimplemented
R
= Reserved
X = Indeterminate
Figure 2-2. Control, Status, and Data Registers (Sheet 6 of 9)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com