Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC08KL8GRS/D Datasheet(PDF) 83 Page - NXP Semiconductors

Part # HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 79Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 80Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 81Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 82Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 83Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 84Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 85Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 86Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 256 page
background image
System Integration Module (SIM)
Reset and System Initialization
MC68HC08KL8 — Rev. 2.0
General Release Specification
System Integration Module (SIM)
All of these resets produce the vector $FFFE–FFFF ($FEFE–FEFF in
monitor mode) and assert the internal reset signal (IRST). IRST causes
all registers to be returned to their default values and all modules to be
returned to their reset states.
An internal reset clears the SIM counter (see 8.5 SIM Counter), but an
external reset does not. Each of the resets sets a corresponding bit in
the reset status register (RSR). (See 8.8 SIM Registers.)
8.4.1 External Pin Reset
The RST pin circuits include an internal pullup device. Pulling the
asynchronous RST pin low halts all processing. The PIN bit of the reset
status register (RSR) is set as long as RST is held low for a minimum of
67 CGMXCLK cycles, assuming that the POR was not the source of the
reset. See Table 8-2 for details. Figure 8-4 shows the relative timing.
Figure 8-4. External Reset Timing
Table 8-2. PIN Bit Set Timing
Reset Type
Number of Cycles Required to Set PIN
POR
4163 (4096 + 64 + 3)
All Others
67 (64 + 3)
RST
IAB
PC
VECT H
VECT L
CGMOUT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com