Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC08KL8GRS/D Datasheet(PDF) 71 Page - NXP Semiconductors

Part # HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 67Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 68Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 69Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 70Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 71Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 72Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 73Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 74Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 256 page
background image
Central Processor Unit (CPU)
Opcode Map
MC68HC08KL8 — Rev. 2.0
General Release Specification
Central Processor Unit (CPU)
6.7 Opcode Map
See Table 6-2.
TAX
Transfer A to X
X
← (A)
– – – – – – INH
97
1
TPA
Transfer CCR to A
A
← (CCR)
– – – – – – INH
85
1
TST
opr
TSTA
TSTX
TST
opr,X
TST ,X
TST
opr,SP
Test for Negative or Zero
(A) – $00 or (X) – $00 or (M) – $00
0 – – ¤¤ –
DIR
INH
INH
IX1
IX
SP1
3D
4D
5D
6D
7D
9E6D
dd
ff
ff
3
1
1
3
2
4
TSX
Transfer SP to H:X
H:X
← (SP) + 1
– – – – – – INH
95
2
TXA
Transfer X to A
A
← (X)
– – – – – – INH
9F
1
TXS
Transfer H:X to SP
(SP)
← (H:X) – 1
– – – – – – INH
94
2
A
Accumulator
n
Any bit
C
Carry/borrow bit
opr
Operand (one or two bytes)
CCR
Condition code register
PC
Program counter
dd
Direct address of operand
PCH Program counter high byte
dd rr
Direct address of operand and relative offset of branch instruction
PCL Program counter low byte
DD
Direct to direct addressing mode
REL Relative addressing mode
DIR
Direct addressing mode
rel
Relative program counter offset byte
DIX+
Direct to indexed with post increment addressing mode
rr
Relative program counter offset byte
ee ff
High and low bytes of offset in indexed, 16-bit offset addressing
SP1 Stack pointer, 8-bit offset addressing mode
EXT
Extended addressing mode
SP2 Stack pointer 16-bit offset addressing mode
ff
Offset byte in indexed, 8-bit offset addressing
SP
Stack pointer
H
Half-carry bit
U
Undefined
H
Index register high byte
V
Overflow bit
hh ll
High and low bytes of operand address in extended addressing
X
Index register low byte
I
Interrupt mask
Z
Zero bit
ii
Immediate operand byte
&
Logical AND
IMD
Immediate source to direct destination addressing mode
|
Logical OR
IMM
Immediate addressing mode
⊕
Logical EXCLUSIVE OR
INH
Inherent addressing mode
( )
Contents of
IX
Indexed, no offset addressing mode
–( )
Negation (two’s complement)
IX+
Indexed, no offset, post increment addressing mode
#
Immediate value
IX+D
Indexed with post increment to direct addressing mode
«
Sign extend
IX1
Indexed, 8-bit offset addressing mode
←
Loaded with
IX1+
Indexed, 8-bit offset, post increment addressing mode
?
If
IX2
Indexed, 16-bit offset addressing mode
:
Concatenated with
M
Memory location
¤
Set or cleared
N
Negative bit
—
Not affected
Table 6-1. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com