Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC08KL8GRS/D Datasheet(PDF) 54 Page - NXP Semiconductors

Part # HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 50Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 51Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 52Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 53Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 54Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 55Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 56Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 57Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 256 page
background image
Mask Option Register (MOR)
General Release Specification
MC68HC08KL8 — Rev. 2.0
Mask Option Register (MOR)
5.3 Functional Description
NOTE:
Writing to a reserved address can have unpredictable effects on MCU
operation.
REGBP — Regulator Bypass Bit
The REGBP causes the on-chip regulator to pass V
DDREG to the
REGOUT pin.
1 = V
DDREG voltage applied to the REGOUT pin.
0 = Regulator output drives 3.3 volts on REGOUT pin.
NOTE:
The bypass mode is reserved for transceiver testing and should not be
used in normal operation.
ROMSEC — ROM Security Bit
ROMSEC enables the ROM security feature. Setting the ROMSEC bit
prevents reading of the ROM contents. Access to the ROM is denied
to unauthorized users of customer specified software.
1 = ROM security enabled
0 = ROM security disabled
SSREC — Short Stop Recovery Bit
SSREC enables the CPU to exit stop mode with a delay of 32
CGMXCLK cycles instead of a 4096-CGMXCLK cycle delay.
1 = Stop mode recovery after 32 CGMXCLK cycles
0 = Stop mode recovery after 4096 CGMXCLK cycles
Address:
$001F
Bit 7
654321
Bit 0
Read:
R
REGBP
R
ROMSEC
SSREC
COPRS
STOP
COPD
Write:
Reset:
Unaffected by Reset
= Unimplemented
Figure 5-1. Mask Option Register (MOR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com