Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 52 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 52 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 48Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 49Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 50Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 51Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 52Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 53Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 54Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 55Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
PSD835G2
52/102
PSD Interface to a Non-Multiplexed 8-Bit Bus
Figure 21 shows an example of a system using a
MCU with an 8-bit non-multiplexed bus and a
PSD. The address bus is connected to the ADIO
Port, and the data bus is connected to Port F. Port
F is in tri-state mode when the PSD is not access-
ed by the MCU. Should the system address bus
exceed sixteen bits, Ports A, B or C may be used
for additional address inputs.
MCU Bus Interface Examples
Figures 22 through 25 show examples of the basic
connections between the PSD and some popular
MCUs. The PSD Control input pins are labeled as
to the MCU function for which they are configured.
The MCU bus interface is specified using the PS-
Dsoft.
Figure 21. An Example of a Typical 8-bit Non-Multiplexed Bus Interface
MCU
WR
RD
BHE
ALE
RESET
D7-D0
A15-A0
A23-A16
D7-D0
ADIO
PORT
PORT
F
PORT
G
PORT
A, B
or C
WR (CNTRL0)
RD (CNTRL1)
BHE (CNTRL2)
RST
ALE (PD0)
PORT D
(OPTIONAL)
PSD
AI02879D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com