Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 20 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 16Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 17Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 18Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 19Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 20Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 21Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 22Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 23Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
PSD835G2
20/102
REGISTER BIT DEFINITION
All the registers of the PSD are included here, for reference. Detailed descriptions of these registers can
be found in the following sections.
Table 6. Data-In Registers – Ports A, B, C, D, E, F, G
Note: Bit Definitions (Read only registers):
Read Port pin status when Port is in MCU I/O input mode.
Table 7. Data-Out Registers – Ports A, B, C, D, E, F, G
Note: Bit Definitions:
Latched data for output to Port pin when pin is configured in MCU I/O output mode.
Table 8. Direction Registers – Ports A, B, C, D, E, F, G
Note: Bit Definitions:
Port pin <i> 0 = Port pin <i> is configured in Input mode (default).
Port pin <i> 1 = Port pin <i> is configured in Output mode.
Table 9. Control Registers – Ports E, F, G
Note: Bit Definitions:
Port pin <i> 0 = Port pin <i> is configured in MCU I/O mode (default).
Port pin <i> 1 = Port pin <i> is configured in Latched Address Out mode.
Table 10. Drive Registers – Ports A, B, D, E, G
Note: Bit Definitions:
Port pin <i> 0 = Port pin <i> is configured for CMOS Output driver (default).
Port pin <i> 1 = Port pin <i> is configured for Open Drain output driver.
Table 11. Drive Registers – Ports C, F
Note: Bit Definitions:
Port pin <i> 0 = Port pin <i> is configured for CMOS Output driver (default).
Port pin <i> 1 = Port pin <i> is configured in Slew Rate mode.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com