Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 98 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 98 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 94Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 95Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 96Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 97Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 98Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 99Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 100Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 101Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 102Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
PSD835G2
98/102
Table 71. TQFP80 - 80 lead Thin, Quad, Flat Package Mechanical Data
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.05
0.037
0.041
b
0.22
0.17
0.27
0.009
0.007
0.011
c
0.09
0.20
0.004
0.008
D
14.00
0.551
D1
12.00
0.472
D2
9.50
—
—
0.374
—
—
E
14.00
0.551
E1
12.00
0.472
E2
9.50
—
—
0.374
—
—
e
0.50
—
—
0.020
—
—
L
0.60
0.45
0.75
0.024
0.018
0.030
L1
1.00
0.039
CP
0.08
0.003
α
3.5°
0.0°
7.0°
3.5°
0.0°
7.0°
N80
80
Nd
20
20
Ne
20
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com