Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 57 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 57 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 53Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 54Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 55Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 56Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 57Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 58Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 59Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 60Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
57/102
PSD835G2
80C51XA
The Philips 80C51XA MCU family supports an 8-
or 16-bit multiplexed bus that can have burst cy-
cles. Address bits (A3-A0) are not multiplexed,
while (A19-A4) are multiplexed with data bits
(D15-D0) in 16-bit mode. In 8-bit mode, (A11-A4)
are multiplexed with data bits (D7-D0).
The 80C51XA can be configured to operate in
eight-bit data mode (as shown in Figure 24).
The 80C51XA improves bus throughput and per-
formance by executing burst cycles for code fetch-
es. In Burst Mode, address A19-A4 are latched
internally by the PSD, while the 80C51XA changes
the A3-A0 signals to fetch up to 16 bytes of code.
The PSD access time is then measured from ad-
dress A3-A0 valid to data in valid. The PSD bus
timing requirement in Burst Mode is identical to the
normal bus cycle, except the address setup and
hold time with respect to Address Strobe (ALE/AS,
PD0) does not apply.
Figure 24. Interfacing the PSD with the 80C51X, 8-bit Data Bus
EA/WAIT
XTAL1
XTAL2
RESET
RESET
RXD0
TXD0
RXD1
TXD1
T2EX
T2
T0
A4D0
A5D1
A6D2
A7D3
A8D4
A9D5
A10D6
A11D7
PF0
PF1
PF2
PF3
PF4
PF5
PF6
PF7
PG0
PG1
PG2
PG3
PG4
PG5
PG6
PG7
PA0
PA2
PA1
PA3
PA4
PA5
PA6
PA7
A12D8
A13D9
A14D10
A15D11
A16D12
A17D13
A18D14
A19D15
ADIO0(2)
ADIO1
ADIO2
ADIO3
ADIO4
ADIO5
ADIO6
ADIO7
ADIO8
ADIO9
ADIO10
ADIO11
ADIO12
ADIO13
ADIO14
ADIO15
CNTL0 (WR)
CNTL1(RD)
CNTL2 (PSEN)
PD3
PD1 (CLKIN)
PD2 (CS)
RESET
RD
WRL
PSEN
ALE
RESET
31
32
33
34
35
36
37
38
3
43
35
21
20
11
13
6
7
9
8
42
41
40
39
38
37
36
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
4
5
6
7
10
11
12
13
14
15
16
17
18
19
20
59
39
60
40
2
80
1
21
22
23
24
25
26
27
28
PSD
80C31
24
25
26
27
28
29
30
31
19
18
32
33
A8
A9
A10
A11
A12
A13
A14
A15
WR
RD
ALE
10
A[3:0]
RESET
51
52
53
54
55
56
57
58
AI02883D
CRYSTAL
A[19:12] D[7:0]
79
PD0 (ALE)
PE2 (TDI)
PE0 (TMS)
PE1 (TCK/ST)
73
71
72
PE5 (TERR)
PE3 (TDO)
PE4 (TSTAT/RDY)
76
74
75
PE7 (VBATON)
PE6 (VSTBY)
78
77
VCC
VCC
VCC
VCC
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PC0
PC2
PC1
PC3
PC4
PC5
PC6
PC7
61
62
63
64
65
66
67
68
41
42
43
44
45
46
47
48
GND GND GND GND GND
70
50
49
30
8
16
PSEN
929
69
INT0
INT1
14
15
VCC
A3
A2
A1
A0/WRH
5
4
3
2
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com