Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 59 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 59 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 55Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 56Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 57Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 58Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 59Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 60Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 61Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 62Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
59/102
PSD835G2
I/O PORTS
There are seven programmable I/O ports: Ports A,
B, C, D, E and F. Each of the ports is eight bits ex-
cept for Port D, which is 4 bits. Each port pin is in-
dividually user-configurable, thus allowing multiple
functions per port. The ports are configured using
PSDsoft or by the MCU writing to on-chip registers
in the CSIOP space.
The topics discussed in this section are:
■
General Port architecture
■
Port operating modes
■
Port Configuration Registers (PCR)
■
Port Data Registers
■
Individual Port functionality.
General Port Architecture
The general architecture of the I/O Port block is
shown in Figure 26., page 60. Individual Port ar-
chitectures are shown in Figure 28., page 66 to
Figure 30., page 69. In general, once the purpose
for a port pin has been defined, that pin is no long-
er available for other purposes. Exceptions are
noted.
As shown in Figure 26., page 60, the ports contain
an output multiplexer whose select signals are
driven by the configuration bits in the Control Reg-
isters (Ports E, F and G only) and PSDsoft Config-
uration. Inputs to the multiplexer include the
following:
–
Output data from the Data Out register
–
Latched address outputs
–
CPLD macrocell output
–
External Chip Select (ECS0-ECS2) from the
CPLD.
The Port Data Buffer (PDB) is a tri-state buffer that
allows only one source at a time to be read. The
Port Data Buffer (PDB) is connected to the Internal
Data Bus for feedback and can be read by the
MCU. The Data Out and macrocell outputs, Direc-
tion and Control Registers, and port pin input are
all connected to the Port Data Buffer (PDB).
The Port pin’s tri-state output driver enable is con-
trolled by a two input OR gate whose inputs come
from the CPLD AND Array enable product term
and the Direction Register. If the enable product
term of any of the Array outputs is not defined and
that port pin is not defined as a CPLD output in the
PSDabel file, then the Direction Register has sole
control of the buffer that drives the port pin.
The contents of these registers can be altered by
the MCU. The Port Data Buffer (PDB) feedback
path allows the MCU to check the contents of the
registers.
Ports A, B, and C have embedded Input Macro-
cells (IMC). The Input Macrocells (IMC) can be
configured as latches, registers, or direct inputs to
the PLDs. The latches and registers are clocked
by Address Strobe (ALE/AS, PD0) or a product
term from the PLD AND Array. The outputs from
the Input Macrocells (IMC) drive the PLD input bus
and can be read by the MCU. See Input Macro-
cells (IMC), page 46.
Port Operating Modes
The I/O Ports have several modes of operation.
Some modes can be defined using PSDabel,
some by the MCU writing to the Registers in
CSIOP space, and some by both. The modes that
can only be defined using PSDsoft must be pro-
grammed into the device and cannot be changed
unless the device is reprogrammed. The modes
that can be changed by the MCU can be done so
dynamically at run-time. The PLD I/O, Data Port,
Address Input, Peripheral I/O and MCU Reset
modes are the only modes that must be defined
before programming the device. All other modes
can be changed by the MCU at run-time.
Table 35., page 61 summarizes which modes are
available on each port. Table 38., page 64 shows
how and where the different modes are config-
ured. Each of the port operating modes are de-
scribed in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com