Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 41 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 37Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 38Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 39Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 40Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 41Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 42Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 43Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 44Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
41/102
PSD835G2
Complex PLD (CPLD)
The CPLD can be used to implement system logic
functions, such as loadable counters and shift reg-
isters, system mailboxes, handshaking protocols,
state machines, and random logic. The CPLD can
also be used to generate three External Chip Se-
lect (ECS0-ECS2), routed to Port D.
Although External Chip Select (ECS0-ECS2) can
be produced by any Output Macrocell (OMC),
these three External Chip Select (ECS0-ECS2) on
Port D do not consume any Output Macrocells
(OMC).
As shown in Figure 13., page 39, the CPLD has
the following blocks:
■
24 Input Macrocells (IMC)
■
16 Output Macrocells (OMC)
■
Macrocell Allocator
■
Product Term Allocator
■
AND Array capable of generating up to 137
product terms
■
Four I/O Ports.
Each of the blocks are described in the sections
that follow.
The Input Macrocells (IMC) and Output Macrocells
(OMC) are connected to the PSD internal data bus
and can be directly accessed by the MCU. This
enables the MCU software to load data into the
Output Macrocells (OMC) or read data from both
the Input and Output Macrocells (IMC and OMC).
This feature allows efficient implementation of sys-
tem logic and eliminates the need to connect the
data bus to the AND Array as required in most
standard PLD macrocell architectures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com