Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 33 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 29Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 30Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 31Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 32Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 33Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 34Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 35Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 36Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
33/102
PSD835G2
ERASING FLASH MEMORY
Flash Bulk Erase
The Flash Bulk Erase instruction uses six WRITE
operations followed by a READ operation of the
status
register,
as
described
in
Table
28., page 27. If any byte of the Bulk Erase instruc-
tion is wrong, the Bulk Erase instruction aborts and
the device is reset to the Read Flash memory sta-
tus.
During a Bulk Erase, the memory status may be
checked by reading the Error Flag Bit (DQ5), the
Toggle Flag Bit (DQ6), and the Data Polling Flag
Bit (DQ7), as detailed in “PROGRAMMING
FLASH MEMORY, page 31. The Error Flag Bit
(DQ5) returns a ’1’ if there has been an Erase Fail-
ure (maximum number of Erase cycles has been
executed).
It is not necessary to program the memory with
00h because the PSD automatically does this be-
fore erasing to 0FFh.
During execution of the Bulk Erase instruction, the
Flash memory does not accept any instructions.
Flash Sector Erase
The Sector Erase instruction uses six WRITE op-
erations, as described in Table 28., page 27. Addi-
tional Flash Sector Erase codes and Flash
memory sector addresses can be written subse-
quently to erase other Flash memory sectors in
parallel, without further coded cycles, if the addi-
tional bytes are transmitted in a shorter time than
the time-out period of about 100µs. The input of a
new Sector Erase code restarts the time-out peri-
od.
The status of the internal timer can be monitored
through the level of the Erase Time-out Flag Bit
(DQ3). If the Erase Time-out Flag Bit (DQ3) is '0,'
the Sector Erase instruction has been received
and the time-out period is counting. If the Erase
Time-out Flag Bit (DQ3) is '1,' the time-out period
has expired and the PSD is busy erasing the Flash
memory sector(s). Before and during Erase time-
out, any instruction other than Suspend Sector
Erase and Resume Sector Erase instructions
abort the cycle that is currently in progress, and re-
set the device to READ mode. It is not necessary
to program the Flash memory sector with 00h as
the PSD does this automatically before erasing
(Byte=FFh).
During a Sector Erase, the memory status may be
checked by reading the Error Flag Bit (DQ5), the
Toggle Flag Bit (DQ6), and the Data Polling Flag
Bit (DQ7), as detailed in PROGRAMMING FLASH
MEMORY, page 31.
During execution of the Erase cycle, the Flash
memory accepts only Reset and Suspend Sector
Erase instructions. Erasure of one Flash memory
sector may be suspended, in order to read data
from another Flash memory sector, and then re-
sumed.
Suspend Sector Erase
When a Sector Erase cycle is in progress, the Sus-
pend Sector Erase instruction can be used to sus-
pend the cycle by writing 0B0h to any even
address when an appropriate Sector Select (FS0-
FS7 or CSBOOT0-CSBOOT3) is High. (See Table
28., page 27). This allows reading of data from an-
other Flash memory sector after the Erase cycle
has been suspended. Suspend Sector Erase is
accepted only during an Erase cycle and defaults
to READ mode. A Suspend Sector Erase instruc-
tion executed during an Erase time-out period, in
addition to suspending the Erase cycle, terminates
the time out period.
The Toggle Flag Bit (DQ6) stops toggling when the
PSD internal logic is suspended. The status of this
bit must be monitored at an address within the
Flash memory sector being erased. The Toggle
Flag Bit (DQ6) stops toggling between 0.1µs and
15µs after the Suspend Sector Erase instruction
has been executed. The PSD is then automatically
set to READ mode.
If a Suspend Sector Erase instruction was execut-
ed, the following rules apply:
– Attempting to read from a Flash memory sector
that was being erased outputs invalid data.
– Reading from a Flash sector that was not being
erased is valid.
– The Flash memory cannot be programmed, and
only responds to Resume Sector Erase and Re-
set Flash instructions (READ is an operation
and is allowed).
– If a Reset Flash instruction is received, data in
the Flash memory sector that was being erased
is invalid.
Resume Sector Erase
If a Suspend Sector Erase instruction was previ-
ously executed, the erase cycle may be resumed
with this instruction. The Resume Sector Erase in-
struction consists in writing 030h to any even ad-
dress while an appropriate Sector Select (FS0-
FS7 or CSBOOT0-CSBOOT3) is High. (See Table
28., page 27.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com