Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 28 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 24Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 25Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 26Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 27Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 28Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 29Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 30Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 31Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
PSD835G2
28/102
INSTRUCTIONS
An instruction consists of a sequence of specific
operations. Each received Byte is sequentially de-
coded by the PSD and not executed as a standard
WRITE operation. The instruction is executed
when the correct number of Bytes is properly re-
ceived and the time between two consecutive
Bytes is shorter than the time-out period. Some in-
structions are structured to include READ opera-
tions after the initial WRITE operations.
The instruction must be followed exactly. Any in-
valid combination of instruction Bytes or time-out
between two consecutive bytes while addressing
Flash memory resets the device logic into READ
mode (Flash memory is read like a ROM device).
The PSD supports the instructions summarized in
Table 28., page 27:
Flash memory:
■
Erase memory by chip or sector
■
Suspend or resume sector erase
■
Program a Byte
■
Reset to READ mode
■
Read primary Flash Identifier value
■
Read Sector Protection Status
■
Bypass
These instructions are detailed in Table 28. For ef-
ficient decoding of the instructions, the first two
Bytes of an instruction are the coded cycles and
are followed by an instruction Byte or a confirma-
tion Byte. The coded cycles consist in writing the
data AAh to address X555h during the first cycle
and data 55h to address XAAAh during the second
cycle unless the Bypass Instruction feature is
used). Address signals A15-A12 are Don’t Care
during the instruction WRITE cycles. However, the
appropriate
Sector
Select
(FS0-FS7
or
CSBOOT0-CSBOOT3) must be selected.
The primary and secondary Flash memories have
the same instruction set (except for Read Primary
Flash Identifier). The Sector Select signals deter-
mine which Flash memory is to receive and exe-
cute the instruction. The primary Flash memory is
selected if any one of Sector Select (FS0-FS7) is
High, and the secondary Flash memory is selected
if
any
one
of
Sector
Select
(CSBOOT0-
CSBOOT3) is High.
Power-up Mode
The PSD internal logic is reset upon Power-up to
the READ mode. Sector Select (FS0-FS7 and
CSBOOT0-CSBOOT3) must be held Low, and
Write Strobe (WR, CNTL0) High, during Power-up
for maximum security of the data contents and to
remove the possibility of a byte being written on
the first edge of Write Strobe (WR, CNTL0). Any
WRITE cycle initiation is locked when VCC is be-
low VLKO.
READ
Under typical conditions, the MCU may read the
primary Flash memory or the secondary Flash
memory using READ operations just as it would a
ROM or RAM device. Alternately, the MCU may
use READ operations to obtain status information
about a Program or Erase cycle that is currently in
progress. Lastly, the MCU may use instructions to
read special data from these memory blocks. The
following sections describe these READ functions.
Read Memory Contents
Primary Flash memory and secondary Flash
memory are placed in the READ mode after Pow-
er-up, chip reset, or a Reset Flash instruction (see
Table 28). The MCU can read the memory con-
tents of the primary Flash memory or the second-
ary Flash memory by using READ operations any
time the READ operation is not part of an instruc-
tion.
Read Primary Flash Identifier
The primary Flash memory identifier is read with
an instruction composed of 4 operations: 3 specific
WRITE operations and a READ operation (see Ta-
ble 28., page 27). The identifier for the device is
E8h.
Read Memory Sector Protection Status
The primary Flash memory Sector Protection Sta-
tus is read with an instruction composed of 4 oper-
ations: 3 specific WRITE operations and a READ
operation (see Table 28). The READ operation
produces 01h if the Flash memory sector is pro-
tected, or 00h if the sector is not protected.
The sector protection status for all NVM blocks
(primary Flash memory or secondary Flash mem-
ory) can also be read by the MCU accessing the
Flash Protection and Flash Boot Protection regis-
ters in PSD I/O space. See Flash Memory Sector
Protect, page 34 for register definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com