Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 17 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 13Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 14Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 15Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 16Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 17Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 18Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 19Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 20Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
17/102
PSD835G2
JTAG Port
In-System Programming (ISP) can be performed
through the JTAG signals on Port E. This serial in-
terface allows complete programming of the entire
PSD device. A blank device can be completely
programmed. The JTAG signals (TMS, TCK,
TSTAT, TERR, TDI, TDO) can be multiplexed with
other functions on Port E. Table 3., page 16 indi-
cates the JTAG pin assignments.
In-System Programming (ISP)
Using the JTAG signals on Port E, the entire PSD
device (memory, logic, configuration) can be pro-
grammed or erased without the use of the MCU.
In-Application re-Programming (IAP)
The primary Flash memory can also be pro-
grammed in-system by the MCU executing the
programming algorithms out of the secondary
memory, or SRAM. Since this is a sizable separate
block, the application can also continue to operate.
The secondary memory can be programmed the
same way by executing out of the primary Flash
memory. The PLD or other PSD Configuration
blocks can be programmed through the JTAG port
or a device programmer. Table 4 indicates which
programming methods can program different func-
tional blocks of the PSD.
Power Management Unit (PMU)
The Power Management Unit (PMU) gives the
user control of the power consumption on selected
functional blocks based on system requirements.
The PMU includes an Automatic Power-down
(APD) Unit that turns off device functions during
MCU inactivity. The APD Unit has a Power-down
mode that helps reduce power consumption.
The PSD also has some bits that are configured at
run-time by the MCU to reduce power consump-
tion of the CPLD. The Turbo Bit in PMMR0 can be
reset to ’0’ and the CPLD latches its outputs and
goes to sleep until the next transition on its inputs.
Additionally, bits in PMMR2 can be set by the
MCU to block signals from entering the CPLD to
reduce power consumption. Please see POWER
MANAGEMENT, page 70 for more details.
Table 4. Methods of Programming Different Functional Blocks of the PSD
Functional Block
JTAG/ISP
Device Programmer
IAP
Primary Flash Memory
Yes
Yes
Yes
Secondary Flash Memory
Yes
Yes
Yes
PLD Array (DPLD and CPLD)
Yes
Yes
No
PSD Configuration
Yes
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com