Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 25 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 21Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 22Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 23Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 24Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 25Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 26Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 27Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 28Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
25/102
PSD835G2
Primary Flash Memory and Secondary Flash
memory Description
The primary Flash memory is divided evenly into
eight equal sectors. The secondary Flash memory
is divided into four equal sectors of eight KBytes
each. Each sector of either memory block can be
separately protected from Program and Erase cy-
cles.
Flash memory may be erased on a sector-by-sec-
tor basis and programmed Word-by-Word. Flash
sector erasure may be suspended while data is
read from other sectors of the block and then re-
sumed after reading.
During a Program or Erase cycle in Flash memory,
the status can be output on Ready/Busy (PE4).
This pin is set up using PSDsoft.
Memory Block Select Signals
The DPLD generates the Select signals for all the
internal memory blocks (see PLDs, page 38).
Each of the eight sectors of the primary Flash
memory has a Select signal (FS0-FS7) which can
contain up to three product terms. Each of the four
sectors of the secondary Flash memory has a Se-
lect signal (CSBOOT0-CSBOOT3) which can con-
tain up to three product terms. Having three
product terms for each Select signal allows a given
sector to be mapped in different areas of system
memory. When using an MCU with separate Pro-
gram and Data space, these flexible Select signals
allow dynamic re-mapping of sectors from one
memory space to the other before and after IAP.
Upper and Lower Block IN MAIN FLASH
SECTOR
The PSD835G2’s main Flash memory has eight
64-KByte sectors. The 64-KByte sector size may
cause some difficulty in code mapping for an 8-bit
MCU with only 64-KByte address space. To re-
solve this mapping issue, the PSD835G2 provides
additional logic (see Figure 6., page 26) for the
user to split the 8 sectors such that each sector
has a lower and upper 32-KByte block, and the
two blocks can reside in different pages but in the
same address range.
If your design works with 64KB sectors, you don’t
need to configure this logic. If the design requires
32KB blocks in each sector, you need to define a
“FA15” PLD equation in PSDsoft as the A15 ad-
dress input to the main Flash module. FA15 con-
sists of 3 product terms and will control whether
the MCU is accessing the lower or upper 32KB in
the selected sector. Figure 4 shows an example
for Flash sector chip select FS0. A typical equation
is FA15 = pgr4 of the Page Register. When pgr4 is
0 (page 00), the lower 32KB is selected. When
pgr4 is switched to ’1’ by the user, the upper 32KB
is selected. PSDsoft will automatically generate
the PLD equations shown, based on your point
and click selections.
If no FA15 equation is defined in PSDsoft, the A15
that comes from the MCU address bus will be rout-
ed as input to the primary Flash memory instead of
FA15. The FA15 equation has no impact on the
Sector Erase operation.
Note: FA15 affects all eight sectors of the primary
Flash memory simultaneously. You cannot direct
FA15 to a particular Flash sector only.
Figure 5. Example for Flash Sector Chip Select FS0
page = [pgr7... pgr0]; “Page Register output
“Sector Chip Select Equation
FS0 = ((0000h <= address <= 7FFFh) & page = 00h) #
“select first 32KB block
((0000h <= address <= 7FFFh) & page = 10h);
“select second 32KB block
FA15 = pgr4;
“as address A15 input to the primary Flash memory
ai07652



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com