Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 71 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 71 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 67Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 68Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 69Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 70Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 71Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 72Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 73Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 74Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
71/102
PSD835G2
Automatic Power-down (APD) Unit and Power-down Mode
The APD Unit, shown in Figure 31, puts the PSD
into Power-down mode by monitoring the activity
of Address Strobe (ALE/AS, PD0). If the APD Unit
is enabled, as soon as activity on Address Strobe
(ALE/AS, PD0) stops, a four-bit counter starts
counting. If Address Strobe (ALE/AS, PD0) re-
mains inactive for fifteen clock periods of CLKIN
(PD1), Power-down (PDN) goes High, and the
PSD enters Power-down mode, as discussed
next.
Power-down Mode. By default, if you enable the
APD Unit, Power-down mode is automatically en-
abled. The device enters Power-down mode if Ad-
dress Strobe (ALE/AS, PD0) remains inactive for
fifteen periods of CLKIN (PD1).
The following should be kept in mind when the
PSD is in Power-down mode:
–
If Address Strobe (ALE/AS, PD0) starts
pulsing again, the PSD returns to normal
Operating mode. The PSD also returns to
normal Operating mode if either PSD Chip
Select Input (CSI, PD2) is Low or the Reset
(RESET) input is High.
–
The MCU address/data bus is blocked from all
memories and PLDs.
–
Various signals can be blocked (prior to
Power-down mode) from entering the PLDs by
setting the appropriate bits in the PMMR
registers. The blocked signals include MCU
control signals and the common CLKIN (PD1).
Note that blocking CLKIN (PD1) from the
PLDs does not block CLKIN (PD1) from the
APD Unit.
–
All PSD memories enter Standby mode and
are drawing standby current. However, the
PLD and I/O ports blocks do not go into
Standby Mode because you don’t want to
have to wait for the logic and I/O to “wake-up”
before their outputs can change. See Table 44
for Power-down mode effects on PSD ports.
–
Typical standby current is of the order of
microamperes. These standby current values
assume that there are no transitions on any
PLD input.
Table 44. Power-down Mode’s Effect on Ports
Figure 31. APD Unit
Table 45. PSD Timing and Stand-by Current during Power-down Mode
Note: 1. Power-down does not affect the operation of the PLD. The PLD operation in this mode is based only on the Turbo Bit.
2. Typical current consumption assuming no PLD inputs are changing state and the PLD Turbo Bit is '0.'
Port Function
Pin Level
MCU I/O
No Change
PLD Out
No Change
Address Out
Undefined
Data Port
Tri-State
Peripheral I/O
Tri-State
Mode
PLD Propagation
Delay
Memory
Access Time
Access Recovery Time to
Normal Access
5V VCC
Typical Standby Current
Power-down
Normal tPD (Note
1)
No Access
tLVDV
50µA (Note 2)
APD EN
PMMR0 BIT 1=1
ALE
RESET
CSI
CLKIN
TRANSITION
DETECTION
EDGE
DETECT
APD
COUNTER
POWER DOWN
(PDN)
DISABLE BUS
INTERFACE
SECONDARY FLASH SELECT
PRIMARY FLASH SELECT
SRAM SELECT
PD
CLR
PD
DISABLE PRIMARY AND
SECONDARY FLASH/SRAM MEMORIES
PLD
SELECT
AI02891b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com