Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 90 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 90 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 86Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 87Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 88Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 89Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 90Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 91Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 92Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 93Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
PSD835G2
90/102
Table 62. READ Timing
Note: 1. RD timing has the same timing as DS and PSEN signals.
2. RD and PSEN have the same timing.
3. Any input used to select an internal PSD function.
4. In multiplexed mode, latched addresses generated from ADIO delay to address output on any Port.
5. RD timing has the same timing as DS signal.
Symbol
Parameter
Conditions
-70
-90
Turbo
Off
Unit
Min
Max
Min
Max
tLVLX
ALE or AS Pulse Width
15
20
ns
tAVLX
Address Setup Time
(Note 3)
46
ns
tLXAX
Address Hold Time
(Note 3)
78
ns
tAVQV
Address Valid to Data Valid
(Note 3)
70
90
+ 12
ns
tSLQV
CS Valid to Data Valid
75
100
ns
tRLQV
RD to Data Valid 8-Bit Bus
(Note 5)
24
32
ns
RD or PSEN to Data Valid
8-Bit Bus, 8031, 80251
(Note 2)
31
38
ns
tRHQX
RD Data Hold Time
(Note 1)
00
ns
tRLRH
RD Pulse Width
(Note 1)
27
32
ns
tRHQZ
RD to Data High-Z
(Note 1)
20
25
ns
tEHEL
E Pulse Width
27
32
ns
tTHEH
R/W Setup Time to Enable
6
10
ns
tELTL
R/W Hold Time After Enable
0
0
ns
tAVPV
Address Input Valid to
Address Output Delay
(Note 4)
20
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com