Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 93 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 93 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 89Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 90Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 91Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 92Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 93Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 94Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 95Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 96Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
93/102
PSD835G2
Figure 46. Peripheral I/O Read Timing
Table 64. Port F Peripheral Data Mode Read Timing
Symbol
Parameter
Conditions
-70
-90
Turbo
Off
Unit
Min
Max
Min
Max
tAVQV–PF
Address Valid to Data
Valid
(Note 3)
30
35
+ 12
ns
tSLQV–PF
CSI Valid to Data Valid
25
35
+ 12
ns
tRLQV–PF
RD to Data Valid
(Notes 1,4)
21
32
ns
RD to Data Valid 8031 Mode
31
38
ns
tDVQV–PF
Data In to Data Out Valid
22
30
ns
tQXRH–PF
RD Data Hold Time
0
0
ns
tRLRH–PF
RD Pulse Width
(Note 1)
27
32
ns
tRHQZ–PF
RD to Data High-Z
(Note 1)
23
25
ns
tQXRH (PF)
tRLQV (PF)
tRLRH (PF)
tDVQV (PF)
tRHQZ (PF)
tSLQV (PF)
tAVQV (PF)
ADDRESS
DATA VALID
ALE /AS
A /D BUS
RD
DATA ON PORT F
CSI
AI02897b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com