Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 73 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 73 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 69Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 70Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 71Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 72Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 73Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 74Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 75Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 76Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
73/102
PSD835G2
Input Control Signals
The PSD provides the option to turn off the ad-
dress input (A7-A0) and input control signals
(CNTL0, CNTL1, CNTL2, Address Strobe (ALE/
AS, PD0) and DBE) to the PLD to save AC power
consumption. These signals are inputs to the PLD
AND Array. During Power-down mode, or, if any of
them are not being used as part of the PLD logic
equation, these signals should be disabled to save
AC power. They are disconnected from the PLD
AND Array by setting Bits 0, 2, 3, 4, 5, and 6 to a
‘1’ in PMMR2.
Table 46. APD Counter Operation
APD Enable Bit
ALE PD Polarity
ALE Level
APD Counter
0
X
X
Not Counting
1
X
Pulsing
Not Counting
1
1
1
Counting (Generates PDN after 15 Clocks)
1
0
0
Counting (Generates PDN after 15 Clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com