Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 96 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 96 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 92Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 93Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 94Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 95Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 96Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 97Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 98Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 99Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
PSD835G2
96/102
Figure 49. ISC Timing
Table 70. ISC Timing
Note: 1. For non-PLD Programming, Erase or in ISC by-pass mode.
2. For Program or Erase PLD only.
Symbol
Parameter
Conditions
-70
-90
Unit
Min
Max
Min
Max
tISCCF
Clock (TCK, PC1) Frequency (except for PLD)
(Note 1)
20
18
MHz
tISCCH
Clock (TCK, PC1) High Time (except for PLD)
(Note 1)
23
26
ns
tISCCL
Clock (TCK, PC1) Low Time (except for PLD)
(Note 1)
23
26
ns
tISCCFP
Clock (TCK, PC1) Frequency (PLD only)
(Note 2)
22
MHz
tISCCHP
Clock (TCK, PC1) High Time (PLD only)
(Note 2)
240
240
ns
tISCCLP
Clock (TCK, PC1) Low Time (PLD only)
(Note 2)
240
240
ns
tISCPSU
ISC Port Set Up Time
6
8
ns
tISCPH
ISC Port Hold Up Time
5
5
ns
tISCPCO
ISC Port Clock to Output
21
23
ns
tISCPZV
ISC Port High-Impedance to Valid Output
21
23
ns
tISCPVZ
ISC Port Valid Output to
High-Impedance
21
23
ns
ISCCH
TCK
TDI/TMS
ISC OUTPUTS/TDO
ISC OUTPUTS/TDO
t
ISCCL
t
ISCPH
t
ISCPSU
t
ISCPVZ
t
ISCPZV
t
ISCPCO
t
AI02865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com