Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 24 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 20Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 21Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 22Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 23Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 24Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 25Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 26Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 27Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
PSD835G2
24/102
DETAILED OPERATION
As shown in Figure 3., page 15, the PSD consists
of six major types of functional blocks:
■
Memory Blocks
■
PLD Blocks
■
MCU Bus Interface
■
I/O Ports
■
Power Management Unit (PMU)
■
JTAG/ISP Interface
The functions of each block are described in the
following sections. Many of the blocks perform
multiple functions, and are user configurable.
Memory Blocks
The PSD has the following memory blocks:
– Primary Flash memory
– Secondary Flash memory
–SRAM
The Memory Select signals for these blocks origi-
nate from the Decode PLD (DPLD) and are user-
defined in PSDsoft.
Table 27. Memory Block Size and Organization
Primary Flash Memory
Secondary Flash Memory
SRAM
Sector
Number
Sector Size
(Bytes)
Sector Select
Signal
Sector Size
(Bytes)
Sector Select
Signal
SRAM Size
(Bytes)
SRAM Select
Signal
0
64K
FS0
8K
CSBOOT0
16K
RS0
1
64K
FS1
8K
CSBOOT1
2
64K
FS2
8K
CSBOOT2
3
64K
FS3
8K
CSBOOT3
4
64K
FS4
5
64K
FS5
6
64K
FS6
7
64K
FS7
Total
512K
8 Sectors
32K
4 Sectors
16K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com