Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 35 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 31Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 32Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 33Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 34Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 35Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 36Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 37Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 38Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
35/102
PSD835G2
SECTOR SELECT AND SRAM SELECT
Sector Select (FS0-FS7 for primary Flash memo-
ry, CSBOOT0-CSBOOT3 for secondary Flash
memory) and SRAM Select (RS0) are all outputs
of the DPLD. They are setup using PSDsoft. The
following rules apply to the equations for these sig-
nals:
1.
Primary Flash memory and secondary Flash
memory Sector Select signals must not be
larger than the physical sector size.
2.
Any primary Flash memory sector must not be
mapped in the same memory space as
another primary Flash memory sector.
3.
A secondary Flash memory sector must not be
mapped in the same memory space as
another secondary Flash memory sector.
4.
SRAM and I/O spaces must not overlap.
5.
A secondary Flash memory sector may
overlap a primary Flash memory sector. In
case of overlap, priority is given to the
secondary Flash memory sector.
6.
SRAM and I/O spaces may overlap any other
memory sector. Priority is given to the SRAM
and I/O.
Example
FS0 is valid when the address is in the range of
8000h to BFFFh, CSBOOT0 is valid from 8000h to
9FFFh, and RS0 is valid from 8000h to 87FFh.
Any address in the range of RS0 always accesses
the SRAM. Any address in the range of CSBOOT0
greater than 87FFh (and less than 9FFFh) auto-
matically addresses secondary Flash memory
segment 0. Any address greater than 9FFFh ac-
cesses the primary Flash memory segment 0. You
can see that half of the primary Flash memory seg-
ment 0 and one-fourth of secondary Flash memory
segment 0 cannot be accessed in this example.
Also note that an equation that defined FS1 to any-
where in the range of 8000h to BFFFh would not
be valid.
Figure 9 shows the priority levels for all memory
components. Any component on a higher level can
overlap and has priority over any component on a
lower level. Components on the same level must
not overlap. Level one has the highest priority and
level 3 has the lowest.
Memory Select Configuration for MCUs with
Separate Program and Data Spaces
The 80C51 and compatible family of MCUs have
separate address spaces for Program memory
(selected using Program Select Enable (PSEN,
CNTL2)) and Data memory (selected using Read
Strobe (RD, CNTL1)). Any of the memories within
the PSD can reside in either space or both spaces.
This is controlled through manipulation of the VM
register that resides in the CSIOP space.
The VM register is set using PSDsoft to have an
initial value. It can subsequently be changed by
the MCU so that memory mapping can be
changed on-the-fly.
For example, you may wish to have SRAM and pri-
mary Flash memory in the Data space at Boot-up,
and secondary Flash memory in the Program
space at Boot-up, and later swap the primary and
secondary Flash memories. This is easily done
with the VM register by using PSDsoft to configure
it for Boot-up and having the MCU change it when
desired.
Table 24., page 23 describes the VM Register.
Figure 9. Priority Level of Memory and I/O
Components
Level 1
SRAM, I /O, or
Peripheral I /O
Level 2
Secondary
Non-Volatile Memory
Highest Priority
Lowest Priority
Level 3
Primary Flash Memory
AI02867D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com