Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90UT Datasheet(PDF) 22 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 18Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 19Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 20Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 21Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 22Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 23Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 24Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 25Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
PSD835G2
22/102
Table 19. Flash Boot Protection Register
Note: Bit Definitions:
Sec<i>_Prot 1 = Secondary Flash memory Sector <i> is write protected.
Sec<i>_Prot 0 = Secondary Flash memory Sector <i> is not write protected.
Security_Bit 0 = Security Bit in device has not been set.
Security_Bit 1 = Security Bit in device has been set.
Table 20. JTAG Enable Register
Note: Bit Definitions:
JTAG_Enable 1 = JTAG Port is enabled.
JTAG_Enable 0 = JTAG Port is disabled.
Table 21. Page Register
Note: Bit Definitions:
Configure Page input to PLD. Default is PGR7-PGR0=00.
Table 22. PMMR0 Register
Note: 1. The bits of this register are cleared to zero following Power-up. Subsequent Reset (Reset) pulses do not clear the registers.
2. Bit Definitions:
APD Enable0 = Automatic Power-down (APD) is disabled.
1 = Automatic Power-down (APD) is enabled.
PLD Turbo0 = PLD Turbo is on.
1 = PLD Turbo is off, saving power.
PLD Array CLK0 = CLKIN to the PLD AND array is connected. Every CLKIN change powers up the PLD when Turbo Bit is off.
1 = CLKIN to the PLD AND array is disconnected, saving power.
PLD MCells CLK0 = CLKIN to the PLD Macrocells is connected.
1 = CLKIN to the PLD Macrocells is disconnected, saving power.
Table 23. PMMR2 Register
Note: Bit Definitions:
PLD Array Addr
0 = Address A7-A0 are connected to the PLD array.
1 = Address A7-A0 are blocked from the PLD array, saving power.
(Note: in XA mode, A3-A0 come from PF3-PF0, and A7-A4 come from ADIO7-ADIO4)
PLD Array CNTL2 0 = CNTL2 input to the PLD AND array is connected.
1 = CNTL2 input to the PLD AND array is disconnected, saving power.
PLD Array CNTL1 0 = CNTL1 input to the PLD AND array is connected.
1 = CNTL1 input to the PLD AND array is disconnected, saving power.
PLD Array CNTL0 0 = CNTL0 input to the PLD AND array is connected.
1 = CNTL0 input to the PLD AND array is disconnected, saving power.
PLD Array ALE
0 = ALE input to the PLD AND array is connected.
1 = ALE input to the PLD AND array is disconnected, saving power.
PLD Array WRH 0 = WRH/DBE input to the PLD AND array is connected.
1 = WRH/DBE input to the PLD AND array is disconnected, saving power.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Security_Bit
not used
not used
not used
Sec3_Prot
Sec2_Prot
Sec1_Prot
Sec0_Prot
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
not used
not used
not used
not used
not used
not used
not used
JTAGEnable
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
PGR 7PGR 6PGR 5PGR 4PGR 3PGR 2PGR 1PGR 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
not used
(set to ’0’)
not used
(set to ’0’)
PLD
MCells CLK
PLD
Array CLK
PLD
Turbo
not used
(set to ’0’)
APD
Enable
not used
(set to ’0’)
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
not used
(set to ’0’)
PLD
Array WRH
PLD
Array ALE
PLD Array
CNTL2
PLD Array
CNTL1
PLD Array
CNTL0
not used
(set to ’0’)
PLD Array
Addr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com