Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 32 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 32 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 28Page - Texas Instruments XM33C321ASPZR Datasheet HTML 29Page - Texas Instruments XM33C321ASPZR Datasheet HTML 30Page - Texas Instruments XM33C321ASPZR Datasheet HTML 31Page - Texas Instruments XM33C321ASPZR Datasheet HTML 32Page - Texas Instruments XM33C321ASPZR Datasheet HTML 33Page - Texas Instruments XM33C321ASPZR Datasheet HTML 34Page - Texas Instruments XM33C321ASPZR Datasheet HTML 35Page - Texas Instruments XM33C321ASPZR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 122 page
background image
Table 6-9. General Purpose Input Output Module Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
PA0
IO
GPIO port A input/output 0
1
1
1
33
1
D3
C7
PA1
IO
GPIO port A input/output 1
2
2
2
34
2
C4
D6
PA2
IO
GPIO port A input/output 2
15
15
10
42
8
A5
G7
PA3
IO
GPIO port A input/output 3
16
16
11
43
9
A6
L9
PA4
IO
GPIO port A input/output 4
17
17
12
44
10
A7
N9
PA5
IO
GPIO port A input/output 5
18
18
13
45
11
A8
R9
PA6
IO
GPIO port A input/output 6
19
19
14
46
12
A9
U9
PA7
IO
GPIO port A input/output 7
22
22
17
49
13
B7
P8
PA8
IO
GPIO port A input/output 8
27
27
22
54
16
D10
U7
PA9
IO
GPIO port A input/output 9
28
28
23
55
17
C9
L7
PA10
IO
GPIO port A input/output 10 33
33
28
56
18
E7
T6
PA11
IO
GPIO port A input/output 11 34
34
29
57
19
E9
N5
PA12
IO
GPIO port A input/output 12 51
51
41
5
27
J10
M6
PA13
IO
GPIO port A input/output 13 52
52
42
6
28
K10
N1
PA14
IO
GPIO port A input/output 14 53
53
43
7
29
K8
K6
PA15
IO
GPIO port A input/output 15 54
54
44
30
K7
N3
PA16
IO
GPIO port A input/output 16 55
55
45
H7
M2
PA17
IO
GPIO port A input/output 17 69
69
54
10
32
K4
J3
PA18
IO
GPIO port A input/output 18 70
70
55
11
33
K3
E1
PA19
IO
GPIO port A input/output 19 71
71
56
12
34
J4
F2
PA20
IO
GPIO port A input/output 20 72
72
57
13
35
J3
L3
PA21
IO
GPIO port A input/output 21 76
76
61
17
39
J2
A1
PA22
IO
GPIO port A input/output 22 77
77
62
18
40
H2
B2
PA23
IO
GPIO port A input/output 23 92
92
72
24
43
E1
G5
PA24
IO
GPIO port A input/output 24 93
93
73
25
44
E2
A5
PA25
IO
GPIO port A input/output 25 94
94
74
26
45
D1
H6
PA26
IO
GPIO port A input/output 26 98
98
78
30
46
C2
E5
PA27
IO
GPIO port A input/output 27 99
99
79
31
47
B2
B8
PA28
IO
GPIO port A input/output 28 3
3
3
35
3
C3
E7
PA29
IO
GPIO port A input/output 29 4
4
4
36
B3
C9
PA30
IO
GPIO port A input/output 30 5
5
5
37
D4
D8
PB0
IO
GPIO port B input/output 0
20
20
15
47
C6
K8
PB1
IO
GPIO port B input/output 1
21
21
16
48
C7
M8
PB2
IO
GPIO port B input/output 2
23
23
18
50
14
C8
V8
PB3
IO
GPIO port B input/output 3
24
24
19
51
15
D8
T8
PB4
IO
GPIO port B input/output 4
25
25
20
52
D9
J7
PB5
IO
GPIO port B input/output 5
26
26
21
53
B8
P6
PB6
IO
GPIO port B input/output 6
40
40
30
58
20
E10
U5
PB7
IO
GPIO port B input/output 7
41
41
31
59
21
F8
R5
PB8
IO
GPIO port B input/output 8
42
42
32
60
22
F9
P4
PB9
IO
GPIO port B input/output 9
43
43
33
61
23
G7
V4
PB10
IO
GPIO port B input/output 10 44
44
34
62
F10
T4
PB11
IO
GPIO port B input/output 11 45
45
35
63
G9
R3
PB12
IO
GPIO port B input/output 12 46
46
36
64
G10
V2
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com