Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 55 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 55 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 51Page - Texas Instruments XM33C321ASPZR Datasheet HTML 52Page - Texas Instruments XM33C321ASPZR Datasheet HTML 53Page - Texas Instruments XM33C321ASPZR Datasheet HTML 54Page - Texas Instruments XM33C321ASPZR Datasheet HTML 55Page - Texas Instruments XM33C321ASPZR Datasheet HTML 56Page - Texas Instruments XM33C321ASPZR Datasheet HTML 57Page - Texas Instruments XM33C321ASPZR Datasheet HTML 58Page - Texas Instruments XM33C321ASPZR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
(2)
This is the minimum required ADC sampling time when measuring the temperature sensor.
7.10 Serial Interface Specifications
7.10.1 UART
7.10.1.1 UART
over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fUART
UART input clock frequency
UART in Power Domain1
80
MHz
UART in Power Domain0
40
MHz
fBITCLK
BITCLK clock frequency(equals
baud rate in MBaud)
UART in Power Domain1
10
Mbps
UART in Power Domain0
4
Mbps
tSP
Pulse duration of spikes
suppressed by input filter
AGFSELx = 0
6
ns
AGFSELx = 1
14
35
ns
AGFSELx = 2
22
60
ns
AGFSELx = 3
35
90
ns
7.10.2 I2C
7.10.2.1 I2C Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
Standard mode
Fast mode
Fast mode plus
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fI2C
I2C input clock frequency
I2C in Power Domain1
80
80
80
MHz
I2C in Power Domain0
40
40
40
MHz
fSCL
SCL clock frequency
0.1
0.4
1
MHz
tHD,STA Hold time (repeated) START
4
0.6
0.26
us
tLOW
LOW period of the SCL clock
4.7
1.3
0.5
us
tHIGH
High period of the SCL clock
4
0.6
0.26
us
tSU,STA
Setup time for a repeated
START
4.7
0.6
0.26
us
tHD,DAT Data hold time
0
0
0
ns
tSU,DAT Data setup time
250
100
50
ns
tSU,STO Setup time for STOP
4
0.6
0.26
us
tBUF
bus free time between a STOP
and START condition
4.7
1.3
0.5
us
tVD;DAT data valid time
3.45
0.9
0.45
us
tVD;ACK data valid acknowledge time
3.45
0.9
0.45
us
7.10.2.2 I2C Filter
over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSP
Pulse duration of spikes suppressed by
input filter
AGFSELx = 0
6
ns
AGFSELx = 1
14
35
ns
AGFSELx = 2
22
60
ns
AGFSELx = 3
35
90
ns
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com