Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 97 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 97 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 93Page - Texas Instruments XM33C321ASPZR Datasheet HTML 94Page - Texas Instruments XM33C321ASPZR Datasheet HTML 95Page - Texas Instruments XM33C321ASPZR Datasheet HTML 96Page - Texas Instruments XM33C321ASPZR Datasheet HTML 97Page - Texas Instruments XM33C321ASPZR Datasheet HTML 98Page - Texas Instruments XM33C321ASPZR Datasheet HTML 99Page - Texas Instruments XM33C321ASPZR Datasheet HTML 100Page - Texas Instruments XM33C321ASPZR Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
10.4 Documentation Support
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
The following documents describe the MSPM33 MCUs. Copies of these documents are available on the Internet
at www.ti.com.
Technical Reference Manual
MSPM33C3x 160-
MHz Microcontrollers
Technical Reference
Manual
This manual describes the modules and peripherals of the MSPM33C family of devices.
Each description presents the module or peripheral in a general sense. Not all features
and functions of all modules or peripherals are present on all devices. In addition,
modules or peripherals can differ in their exact implementation on different devices. Pin
functions, internal signal connections, and operational parameters differ from device to
device. See the device-specific data sheet for these details.
10.5 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.6 Trademarks
Code Composer Studio™ and TI E2E™ are trademarks of Texas Instruments.
Arm®, Cortex®, and TrustZone® are registered trademarks of Arm Limited.
All trademarks are the property of their respective owners.
10.7 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.8 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from December 1, 2025 to September 30, 2026 (from Revision * (December 2025) to
Revision A (September 2026))
Page
• Added sleep and stop low-power modes, updated run and standby mode values............................................ 1
• Updated description of TRNG and ADC.............................................................................................................1
• Added YSG package details...............................................................................................................................1
• Updated block diagram with correct peripheral names and bus description...................................................... 4
• Fixed pin formatting and UNICOMM Pin Type. Modified ADC signal names..................................................... 7
• Updated electrical Specification for final characterization and production release ..........................................42
• Operating modes have been updated in the table Supported Functionality by Operating Modes for different
sub-systems .....................................................................................................................................................63
• Clarified secure/non-secure memory map, updated NVIC Interrupt map.........................................................63
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com