Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 35 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 35 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 31Page - Texas Instruments XM33C321ASPZR Datasheet HTML 32Page - Texas Instruments XM33C321ASPZR Datasheet HTML 33Page - Texas Instruments XM33C321ASPZR Datasheet HTML 34Page - Texas Instruments XM33C321ASPZR Datasheet HTML 35Page - Texas Instruments XM33C321ASPZR Datasheet HTML 36Page - Texas Instruments XM33C321ASPZR Datasheet HTML 37Page - Texas Instruments XM33C321ASPZR Datasheet HTML 38Page - Texas Instruments XM33C321ASPZR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 122 page
background image
Table 6-14. Real-time Clock (RTC) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
RTC_OUT
O
Real-time clock output
signal
28, 99
28, 99
23, 79
31, 55
17, 47
B2, C9
B8, L7
Table 6-15. Serial Wire Debug (SWD) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
SWCLK
I
Serial wire debug interface
clock input signal
72
72
57
13
35
J3
L3
SWDIO
IO
Serial wire debug interface
data input/output signal
71
71
56
12
34
J4
F2
Table 6-16. System Controller (SYSCTL) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
NRST
RE
SET
Active-low reset signal
(must be logic high for the
device to start)
6
6
6
38
4
B4
F6
Table 6-17. Tamper IO (TIO) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
TIO0
I
Passive tamper detection
signal 0
13
13
B6
TIO1
I
Passive tamper detection
signal 1
14
14
7
D6
TIO2
I
Passive tamper detection
signal 2
15
15
10
42
8
A5
G7
Table 6-18. Timer (TIMx) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
TIMA0_0_C0
IO
TIMA0_0 capture/compare
0 signal
27, 29,
48, 65,
76, 78
27, 29,
48, 65,
76, 78
22, 24,
38, 50,
61, 63
17, 2, 54
16, 24, 39 D10, E8,
H3, H5,
J2, J9
A1, E3,
K2, P2,
R7, U7
TIMA0_0_C1
IO
TIMA0_0 capture/compare
1 signal
15, 16, 2,
31, 67,
80, 82
15, 16, 2,
31, 67,
80, 82
10, 11, 2,
26, 52,
65, 67
19, 34,
42, 43
2, 41, 8, 9 A5, A6,
C4, D7,
F3, G4,
G6
C3, D6,
G7, H4,
L9, V6
TIMA0_0_C2
IO
TIMA0_0 capture/compare
2 signal
22, 25,
33, 54,
56, 73
22, 25,
33, 54,
56, 73
17, 20,
28, 44,
46, 58
14, 49,
52, 56
13, 18,
30, 36
B7, D9,
E7, J7,
K2, K7
G3, J7,
N3, P8,
T6
TIMA0_0_C3
IO
TIMA0_0 capture/compare
3 signal
23, 53,
69, 92
23, 53,
69, 92
18, 43,
54, 72
10, 24,
50, 7
14, 29,
32, 43
C8, E1,
K4, K8
G5, J3,
K6, V8
TIMA0_0_C0N
O
TIMA0_0 capture/compare
0 complementary output
28, 30,
43, 66,
77, 79
28, 30,
43, 66,
77, 79
23, 25,
33, 51,
62, 64
18, 55, 61 17, 23, 40 B9, C9,
G3, G7,
H2, H4
B2, H2,
K4, L7,
N7, V4
TIMA0_0_C1N
O
TIMA0_0 capture/compare
1 complementary output
17, 32,
47, 68,
81, 94
17, 32,
47, 68,
81, 94
12, 27,
37, 53,
66, 74
1, 26, 44
10, 45
A10, A7,
D1, F4,
G5, H10
A3, H6,
N9, T2
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com