Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 75 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 75 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 71Page - Texas Instruments XM33C321ASPZR Datasheet HTML 72Page - Texas Instruments XM33C321ASPZR Datasheet HTML 73Page - Texas Instruments XM33C321ASPZR Datasheet HTML 74Page - Texas Instruments XM33C321ASPZR Datasheet HTML 75Page - Texas Instruments XM33C321ASPZR Datasheet HTML 76Page - Texas Instruments XM33C321ASPZR Datasheet HTML 77Page - Texas Instruments XM33C321ASPZR Datasheet HTML 78Page - Texas Instruments XM33C321ASPZR Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 122 page
background image
• Peripheral event transferred to another peripheral to directly trigger an action in hardware (Generic Event)
– Example: TIMx timer peripheral publishes a periodic event to the ADC subscriber port, and the ADC uses
the event to trigger start-of-sampling
Refer to the Event chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference Manual.
Table 8-7. Generic Event Channels
A generic route is either a point-to-point (1:1) route or a point-to-two (1:2) splitter route in which the peripheral publishing the
event is configured to use one of several available generic route channels to publish its event to another entity (or entities, in
the case of a splitter route), where an entity may be another peripheral, a generic DMA trigger event, or a generic CPU event.
CHANID
Generic Route Channel Selection
Channel Type
0
No generic event channel selected
N/A
1
Generic event channel 1 selected
1 : 1
2
Generic event channel 2 selected
1 : 1
3
Generic event channel 3 selected
1 : 1
4
Generic event channel 4 selected
1 : 1
5
Generic event channel 5 selected
1 : 1
6
Generic event channel 6 selected
1 : 1
7
Generic event channel 7 selected
1 : 1
8
Generic event channel 8 selected
1 : 1
9
Generic event channel 9 selected
1 : 1
10
Generic event channel 10 selected
1 : 1
11
Generic event channel 11 selected
1 : 1
12
Generic event channel 12 selected
1 : 2 (splitter)
13
Generic event channel 13 selected
1 : 2 (splitter)
14
Generic event channel 14 selected
1 : 2 (splitter)
15
Generic event channel 15 selected
1 : 2 (splitter)
8.9 Error Aggregator Module (EAM)
The Error Aggregator Module (EAM) aggregates errors that include but are not limited to single error correction
(SEC) and double error detection (DED) for the system memory and security errors. EAM latches the error into
corresponding register that is forwarded to SYSCTL to generate an NMI or interrupt the CPU based on the
priority of the error. The EAM module can be protected by a security firewall based on the GSC setting to allow
customer critical code in secure mode of the application to handle the error in a context safe method.
The EAM supports the following features:
• ECC error logging for SEC and DED from flash and SRAM
• Security error logging for non-secure access to a firewall region for memory and peripherals
• Security error logging for hide protected region in the flash
• First error logged with initiator and type of access error logged
8.10 GPIO
The general purpose input/output (GPIO) peripheral provides the user with a means to write data out and read
data in to and from the device pins. Through the use of the Port A, Port B and Port C GPIO peripherals, these
devices support up to 93 GPIO pins.
The key features of the GPIO module include:
• Set/Clear/Toggle multiple bits without the need of a read-modify-write construct in software
• "FastWake" feature enables low-power wakeup from STOP and STANDBY modes for any GPIO port
• User controlled input filtering
For more details, see the GPIO chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com