Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 95 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 95 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 91Page - Texas Instruments XM33C321ASPZR Datasheet HTML 92Page - Texas Instruments XM33C321ASPZR Datasheet HTML 93Page - Texas Instruments XM33C321ASPZR Datasheet HTML 94Page - Texas Instruments XM33C321ASPZR Datasheet HTML 95Page - Texas Instruments XM33C321ASPZR Datasheet HTML 96Page - Texas Instruments XM33C321ASPZR Datasheet HTML 97Page - Texas Instruments XM33C321ASPZR Datasheet HTML 98Page - Texas Instruments XM33C321ASPZR Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 122 page
background image
10 Device and Documentation Support
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the device,
generate code, and develop solutions are listed below.
10.1 Getting Started and Next Steps
For more information on the MSP low-power microcontrollers and the tools and libraries that are available to help
with development, visit the Texas Instruments Arm Cortex-M33 MCUs page.
10.2 Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all MSP
MCU devices and support tools. . Each MSP MCU commercial family member has one of two prefixes: MSP
or X. These prefixes represent evolutionary stages of product development from engineering prototypes (X)
through fully qualified production devices (MSP).
X – Experimental device that is not necessarily representative of the final device's electrical specifications
MSP – Fully qualified production device
X devices are shipped against the following disclaimer:
"Developmental product is intended for internal evaluation purposes." MSP devices have been characterized
fully, and the quality and reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X) have a greater failure rate than the standard production devices. TI
recommends that these devices not be used in any production system because their expected end-use failure
rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the temperature
range, package type, and distribution format. Figure 10-1 provides a legend for reading the complete device
name.
MSP M33
C
321
A
S
PZ
R
Processor Family
MCU Pla orm
Product Family
Device Subfamily
Flash Memory
Temperature Range
Package Type
Distribu on Format
Figure 10-1. Device Nomenclature
Table 10-1. Device Nomenclature
Processor Family
MSP = Mixed-signal processor
X= Experimental silicon
MCU Platform
M33 = Arm based 32-bit M33
Product Family
C = Up to 160-MHz frequency
Device Subfamily
321 = 2x CAN-FD, AES, SHA, PKA
Flash Memory
9 = 512KB
A = 1024KB
Temperature Range
S = –40°C to 125°C
Package Type
See the Device Comparison section and https://www.ti.com/packaging
Distribution Format
R = Large reel
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com