Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 61 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 61 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 57Page - Texas Instruments XM33C321ASPZR Datasheet HTML 58Page - Texas Instruments XM33C321ASPZR Datasheet HTML 59Page - Texas Instruments XM33C321ASPZR Datasheet HTML 60Page - Texas Instruments XM33C321ASPZR Datasheet HTML 61Page - Texas Instruments XM33C321ASPZR Datasheet HTML 62Page - Texas Instruments XM33C321ASPZR Datasheet HTML 63Page - Texas Instruments XM33C321ASPZR Datasheet HTML 64Page - Texas Instruments XM33C321ASPZR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 122 page
background image
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
CI
Input capacitance
5
pF
VOH
High level output voltage
SDIO
VDD≥2.7V, IIO=–6mA
VDD≥1.71V, IIO=–2mA
VDD-0.4
V
HSIO
VDD≥2.7V, DRV=1, IIO=–6mA
VDD≥1.71V, DRV=1, IIO=–3mA
VDD-0.4
VDD≥2.7V, DRV=0, IIO=–4mA
VDD≥1.71V, DRV=0, IIO=–2mA
VDD-0.4
HDIO
VDD≥2.7V, DRV=1, IIO=–20mA
VDD≥1.71V, DRV=1, IIO=–10mA
VDD-0.4
VDD≥2.7V, DRV=0, IIO=–6mA
VDD≥1.71V, DRV=0, IIO=–2mA
VDD-0.4
VOL
Low level output voltage
SDIO
VDD≥2.7V, IIO=6mA
VDD≥1.71V, IIO=2mA
0.4
V
HSIO
VDD≥2.7V, DRV=1, IIO=6mA
VDD≥1.71V, DRV=1, IIO=3mA
0.4
VDD≥2.7V, DRV=0, IIO=4mA
VDD≥1.71V, DRV=0, IIO=2mA
0.4
HDIO
VDD≥2.7V, DRV=1, IIO=20mA
VDD≥1.71V, DRV=1, IIO=10mA
0.4
VDD≥2.7V, DRV=0, IIO=6mA
VDD≥1.71V, DRV=0, IIO=2mA
0.4
Switching Characteristics
fmax
Port output frequency
SDIO (1)
VDD ≥ 2.7V, CL= 20pF
32
MHz
VDD ≥ 1.71V, CL= 20pF
16
HSIO
VDD ≥ 2.7V, DRV = 1, CL= 20pF
40
VDD ≥ 2.7V, DRV = 0, CL= 20pF
32
VDD ≥ 1.71V, DRV = 1, CL= 20pF
24
VDD ≥ 1.71V, DRV = 0, CL= 20pF
16
HDIO
VDD ≥ 2.7V, DRV = 1(5), CL= 20pF
20
VDD ≥ 2.7V, DRV = 0, CL= 20pF
20
VDD ≥ 1.71V, DRV = 1(5), CL= 20pF
16
VDD ≥ 1.71V, DRV = 0, CL= 20pF
16
tr,tf
Output rise/fall time
SDIO
VDD ≥ 2.7V, CL = 20pF
3.5
ns
VDD ≥ 1.71V, CL = 20pF
6.6
HSIO
VDD ≥ 2.7V, DRV = 1, CL = 20pF
1.8
VDD ≥ 2.7V, DRV = 0, CL = 20pF
5.9
VDD ≥ 1.71V, DRV = 1, CL = 20pF
3.7
VDD ≥ 1.71V, DRV = 0, CL = 20pF
12.6
HDIO
VDD ≥ 2.7V, DRV = 1, CL = 20pF
1.7
VDD ≥ 2.7V, DRV = 0, CL = 20pF
3.8
VDD ≥ 1.71V, DRV = 1, CL = 20pF
3.1
VDD ≥ 1.71V, DRV = 0, CL = 20pF
8.2
(1)
The sum of the |IIO| current sourced or sunk by the device must always respect the absolute maximum rating
(2)
The leakage current is measured with VSS or VDD applied to the corresponding pin(s), unless otherwise noted.
(3)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup/pulldown resistor is
disabled.
(4)
This value is for SDIO not muxed with any analog inputs. If the SDIO is muxed with analog inputs then the leakage can be higher.
(5)
When operating a HDIO in DRV=1 high drive strength configuration, a series resistor is necessary to limit the signal slew rate
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com