Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 82 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 82 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 78Page - Texas Instruments XM33C321ASPZR Datasheet HTML 79Page - Texas Instruments XM33C321ASPZR Datasheet HTML 80Page - Texas Instruments XM33C321ASPZR Datasheet HTML 81Page - Texas Instruments XM33C321ASPZR Datasheet HTML 82Page - Texas Instruments XM33C321ASPZR Datasheet HTML 83Page - Texas Instruments XM33C321ASPZR Datasheet HTML 84Page - Texas Instruments XM33C321ASPZR Datasheet HTML 85Page - Texas Instruments XM33C321ASPZR Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 122 page
background image
8.13 Security and Cryptography
The device security comprises of the following peripherals
• Global Security Controller (GSC) for device security
• Advanced Encryption Standard (AES) accelerator
• Secure Hash Algorithm (SHA256) accelerator with Hashed Message Authentication Control (HMAC)
capability
• Public Key Accelerator (PKA) for asymmetric cryptographic operations
• True Random Number Generator (TRNG)
• Keystore controller
• Cyclic Redundancy Check (CRC)
8.13.1 Global Security Controller (GSC)
The Global Security Controller (GSC) configures the secure and privilege attributes for the full device. The GSC
consists of multiple blocks that enables the device's security and peripheral properties are seen same by all bus
initiators.
• Configures the secure and privilege attribute for the flash, SRAM and peripherals
• Triggers an NMI on detecting a security error
• Configures the hide protection of flash sectors using watermark for start and end sector
• Logs security violation in the error aggregator module (EAM) for CPU to identify the initiator and destination
address
For more details, see the GSC chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.13.2 AESADV
The AES advanced (AESADV) accelerator module performs encryption and decryption of 128-bit data blocks
with a 128-bit or 256-bit key in hardware according to the advanced encryption standard (AES). AES is a
symmetric-key block cipher algorithm specified in FIPS PUB 197.
The AESADV accelerator features include:
• AES operation with 128-bit and 256-bit keys
• Key scheduling in hardware
• Enc/decrypt only modes: CBC, CFB-1, CFB-8, CFB-128, OFB-128, CTR/ICM
• Authentication only modes: CBC-MAC, CMAC
• Support for AES-CCM and AES-GCM modes
• AES-CCM and AES-GCM modes support continuation with hold/resume of payload data
• 32-bit word access to provide key data, input data, and output data
• AESADV ready interrupt
• DMA triggers for input/output data
• Supported in RUN and SLEEP (see the Operating Modes section of the device technical reference manual)
For more details, see the AESADV chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.13.3 SHA256
The SHA256 provides hardware-acclerated hash functions. These has functions can generate a condensed
representation of a message or a data file call digest which can then be used to verify the message integrity.
• SHA-2 (SHA-224 and SHA-256) algorithm compliant with the FIPS 180-3 standard
• Hash message authentication code (HMAC) operation
• Hashing of 0 to 233 bytes of data SHA-224, or SHA-256 hash algorithm at byte granularity
• Host-assisted HMAC key preprocessing for HMAC keys larger than 64 bytes
• HMAC from precomputes (inner/outer digest) for improved performance on small blocks
• Supports DMA for efficient data transfer
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
82
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com