Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 37 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 37 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 33Page - Texas Instruments XM33C321ASPZR Datasheet HTML 34Page - Texas Instruments XM33C321ASPZR Datasheet HTML 35Page - Texas Instruments XM33C321ASPZR Datasheet HTML 36Page - Texas Instruments XM33C321ASPZR Datasheet HTML 37Page - Texas Instruments XM33C321ASPZR Datasheet HTML 38Page - Texas Instruments XM33C321ASPZR Datasheet HTML 39Page - Texas Instruments XM33C321ASPZR Datasheet HTML 40Page - Texas Instruments XM33C321ASPZR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 122 page
background image
Table 6-18. Timer (TIMx) Signal Descriptions (continued)
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
TIMG4_3_C1
IO
TIMG4_3 capture/compare
1 signal
22, 50,
66, 75, 99
22, 50,
66, 75, 99
17, 40,
51, 60, 79
16, 31, 4,
49
13, 26,
38, 47
B2, B7,
H4, J1, J8
B8, D2,
H2, P8,
R1
TIMG8_0_IDX
I
TIMG8_0 quadrature
encoder index pulse signal
2, 32, 48,
54
2, 32, 48,
54
2, 27, 38,
44
2, 34
2, 24, 30
A10, C4,
J9, K7
D6, N3,
P2
TIMG8_1_IDX
I
TIMG8_1 quadrature
encoder index pulse signal
32, 42, 89 32, 42, 89 27, 32
60
22
A10, E4,
F9
P4
TIMG8_0_C0
IO
TIMG8_0 capture/compare
0 signal
16, 49,
56, 83
16, 49,
56, 83
11, 39,
46, 68
20, 3, 43
25, 9
A6, G2,
G8, J7
J5, L9, U1
TIMG8_0_C1
IO
TIMG8_0 capture/compare
1 signal
15, 50,
57, 84
15, 50,
57, 84
10, 40,
47, 69
21, 4, 42
26, 8
A5, H1,
H8, J8
D4, G7,
R1
TIMG8_1_C0
IO
TIMG8_1 capture/compare
0 signal
30, 41, 87 30, 41, 87 25, 31
59
21
B9, F5,
F8
N7, R5
TIMG8_1_C1
IO
TIMG8_1 capture/compare
1 signal
31, 43, 88 31, 43, 88 26, 33
61
23
D7, E5,
G7
V4, V6
Table 6-19. Unified Communication Module (UniComm) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
UC2_PICO
IO
Unified Communication
Module UC2: SPI PICO
signal
18, 28, 73 18, 28, 73 13, 23, 58 14, 45, 55 11, 17, 36 A8, C9,
K2
G3, L7,
R9
UC2_POCI
IO
Unified Communication
Module UC2: SPI POCI
signal
17, 26,
33, 75
17, 26,
33, 75
12, 21,
28, 60
16, 44,
53, 56
10, 18, 38 A7, B8,
E7, J1
D2, N9,
P6, T6
UC2_SCLK
IOD Unified Communication
Module UC2: SPI SCLK
signal
19, 27,
34, 74
19, 27,
34, 74
14, 22,
29, 59
15, 46,
54, 57
12, 16,
19, 37
A9, D10,
E9, K1
C1, N5,
U7, U9
UC12_CTS
IO
Unified Communication
Module UC12: UART CTS
signal
13, 28,
40, 5
13, 28,
40, 5
23, 30, 5
37, 55, 58 17, 20
B6, C9,
D4, E10
D8, L7,
U5
UC12_RTS
IO
Unified Communication
Module UC12: UART RTS
signal
12, 27, 4,
41
12, 27, 4,
41
22, 31, 4
36, 54, 59 16, 21
B3, D10,
D5, F8
C9, R5,
U7
UC12_RX
I
Unified Communication
Module UC12: UART RX
signal
15, 2, 21,
34, 50,
53, 72
15, 2, 21,
34, 50,
53, 72
10, 16, 2,
29, 40,
43, 57
13, 34, 4,
42, 48,
57, 7
19, 2, 26,
29, 35, 8
A5, C4,
C7, E9,
J3, J8, K8
D6, G7,
K6, L3,
M8, N5,
R1
UC12_TX
O
Unified Communication
Module UC12: UART TX
signal
1, 14, 20,
3, 33, 49,
52, 71
1, 14, 20,
3, 33, 49,
52, 71
1, 15, 28,
3, 39, 42,
56
12, 3, 33,
35, 47,
56, 6
1, 18, 25,
28, 3, 34,
7
C3, C6,
D3, D6,
E7, G8,
J4, K10
C7, E7,
F2, K8,
N1, T6,
U1
UC14_CTS
IO
Unified Communication
Module UC14: UART CTS
signal
85, 89
85, 89
70
22
E4, G1
B4
UC14_RTS
IO
Unified Communication
Module UC14: UART RTS
signal
86, 90
86, 90
71
23
42
F1, F2
F4
UC14_SCL_RX
IOD Unified Communication
Module UC14: I2C SCL or
UART RX signal
83, 87
83, 87
68
20
F5, G2
J5
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com